Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB80PF55 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB80PF55
Description  P-channel 55 V, 0.016 Ω, 80 A TO-220, D2PAK STripFET™ II Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80PF55 Datasheet(HTML) 1 Page - STMicroelectronics

  STB80PF55 Datasheet HTML 1Page - STMicroelectronics STB80PF55 Datasheet HTML 2Page - STMicroelectronics STB80PF55 Datasheet HTML 3Page - STMicroelectronics STB80PF55 Datasheet HTML 4Page - STMicroelectronics STB80PF55 Datasheet HTML 5Page - STMicroelectronics STB80PF55 Datasheet HTML 6Page - STMicroelectronics STB80PF55 Datasheet HTML 7Page - STMicroelectronics STB80PF55 Datasheet HTML 8Page - STMicroelectronics STB80PF55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
August 2010
Doc ID 8177 Rev 6
1/16
16
STB80PF55
STP80PF55
P-channel 55 V, 0.016
Ω, 80 A TO-220, D2PAK
STripFETTM II Power MOSFET
Features
■ Extremely dv/dt capability
■ 100% avalanche tested
■ Application oriented characterization
Application
■ Switching applications
Description
These Power MOSFETs are the latest
development of STMicroelectronics unique "single
feature size" strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
allowing remarkable manufacturing
reproducibility.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STP80PF55
55V
<0.018
Ω
80A
STB80PF55
55V
<0.018
Ω
80A
TO-220
1
3
D2PAK
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STP80PF55
P80PF55
TO-220
Tube
STB80PF55
B80PF55
D2PAK
Tape and reel
www.st.com


Similar Part No. - STB80PF55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80PF55 STMICROELECTRONICS-STB80PF55 Datasheet
175Kb / 7P
P-CHANNEL 55V - 0.016 ohm - 80A D2PAK STripFET™ II POWER MOSFET
Feb-2002
STB80PF55 STMICROELECTRONICS-STB80PF55 Datasheet
251Kb / 13P
P-channel 55V - 0.016Ω - 80A - TO-220 - D2PAK STripFET™II Power MOSFET
12-Sep-2006
STB80PF55T4 STMICROELECTRONICS-STB80PF55T4 Datasheet
348Kb / 16P
P-channel 55 V, 0.016 廓, 80 A TO-220, D2PAK STripFETTM II Power MOSFET
09-Aug-2010
STB80PF55 STMICROELECTRONICS-STB80PF55_06 Datasheet
251Kb / 13P
P-channel 55V - 0.016Ω - 80A - TO-220 - D2PAK STripFET™II Power MOSFET
12-Sep-2006
More results

Similar Description - STB80PF55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80PF55 STMICROELECTRONICS-STB80PF55 Datasheet
175Kb / 7P
P-CHANNEL 55V - 0.016 ohm - 80A D2PAK STripFET™ II POWER MOSFET
Feb-2002
STP80PF55 STMICROELECTRONICS-STP80PF55 Datasheet
104Kb / 6P
P-CHANNEL 55V - 0.016 ohm - 80A TO-220 STripFET™ II POWER MOSFET
Feb-2002
STB80PF55 STMICROELECTRONICS-STB80PF55_06 Datasheet
251Kb / 13P
P-channel 55V - 0.016Ω - 80A - TO-220 - D2PAK STripFET™II Power MOSFET
12-Sep-2006
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
03-Mar-2008
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
N-channel 55 V, 0.0062 Ω, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
01-Oct-2009
STB85NF55L STMICROELECTRONICS-STB85NF55L_09 Datasheet
937Kb / 14P
N-channel 55 V, 0.0060 Ω, 80 A, TO-220, D2PAK STripFET™II Power MOSFET
06-Aug-2009
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
N-channel 55 V, 0.0065 Ω, 80 A, TO-220, D2PAK, TO-247 STripFET™Power MOSFET
15-Apr-2009
STB80PF55T4 STMICROELECTRONICS-STB80PF55T4 Datasheet
348Kb / 16P
P-channel 55 V, 0.016 廓, 80 A TO-220, D2PAK STripFETTM II Power MOSFET
09-Aug-2010
STP76NF75 STMICROELECTRONICS-STP76NF75 Datasheet
771Kb / 15P
N-channel 75 V, 0.0095, 80 A TO-220, D2PAK, I2PAK STripFET II Power MOSFET
14-Dec-2009
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
12-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com