Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMFLHP2805D Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # SMFLHP2805D
Description  Parallel operation with current share, up to 3 units (228 watts)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFLHP2805D Datasheet(HTML) 1 Page - Interpoint Corporation Company

  SMFLHP2805D_07 Datasheet HTML 1Page - Interpoint Corporation Company SMFLHP2805D_07 Datasheet HTML 2Page - Interpoint Corporation Company SMFLHP2805D_07 Datasheet HTML 3Page - Interpoint Corporation Company SMFLHP2805D_07 Datasheet HTML 4Page - Interpoint Corporation Company SMFLHP2805D_07 Datasheet HTML 5Page - Interpoint Corporation Company SMFLHP2805D_07 Datasheet HTML 6Page - Interpoint Corporation Company SMFLHP2805D_07 Datasheet HTML 7Page - Interpoint Corporation Company SMFLHP2805D_07 Datasheet HTML 8Page - Interpoint Corporation Company SMFLHP2805D_07 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
description
The SMFLHP Series™ 28 volt DC/DC converters are rated up
to 100 watts output power over a –55°C to +125°C temperature
range with a 28 VDC nominal input. On dual output models, up to
70% of the rated output power can be drawn from either the posi-
tive or negative outputs. Current sharing allows the units to be
paralleled for total power of up to 228 watts. The welded, hermet-
ically sealed package is only 3.005 x 1.505 x 0.400 inches, giving
the series an overall power density of up to 67 watts per cubic
inch.
Screening
SMFLHP converters offer screening options to Space Prototype
(O), Class H, or Class K. Radiation tolerant to Radiation
Hardness Assurance (RHA) levels of “-” (O), “P” or “R”, per MIL-
STD-38534. Interpoint model numbers use an “O” in the RHA
designator position to indicate the “-” (dash) Radiation Hardness
Assurance level of MIL-PRF-38534, which is defined as “no
RHA”. See “Class H and K, QML Screening” tables for more
information.
DeSign FeatureS
The SMFLHP Series converters are switching regulators that use
a quasi-square wave, single ended forward converter design with
a constant switching frequency of 600 kHz.
Isolation between input and output circuits is provided with a
transformer in the forward path and wide bandwidth magnetic
coupling in the feedback control loop. The SMFLHP Series
uses a unique dual loop feedback technique that controls output
current with an inner feedback loop and output voltage with a
cascaded voltage mode feedback loop.
The additional secondary current mode feedback loop improves
transient response in a manner similar to primary current mode
control and allows for ease of paralleling.
Tight load regulation is achieved through a wide-bandwidth
magnetic feedback circuit. The output voltage on single SMFLHP
models can be easily trimmed up by adding an external resistor.
(See Figure 2 for voltage changes with different resistor values.)
inhibit
The SMFLHP Series converters have two inhibit terminals
(INH1 and INH2) that can be used to disable power conversion,
resulting in a very low quiescent input current. A low (<0.8 volts)
is required between INH1 (pin 4) and Input Common (pin 2) to
inhibit the converter. A low (<0.5 volts) is required between INH2
(pin 12) and Output Common (pin 8) to inhibit the converter. The
application of intermediate voltages to these pins (1.5 to 10.5
volts) should be avoided.
current Sharing anD Parallel OPeratiOn
Multiple SMFLHP converters may be used in parallel to drive a
common load (see Figure 3). In this mode of operation the load
current is shared by two or three SMFLHP converters. In current
sharing mode, one SMFLHP converter is designated as a master.
The SLAVE pin (pin 11) of the master is left unconnected and
the MSTR/INH2 pin (pin 12) of the master is connected to the
SLAVE pin (pin 11) of the slave units. The units designated as
slaves have the MSTR/INH2 pin (pin 12) connected to the SNS
RTN pin (pin 9) of the master unit. Figure 3 shows the typical
setup for two or three units in parallel. Note that synchronizing
the units together (though shown in the figure) is not required for
current sharing operation. A second slave unit may be placed in
parallel with a master and slave; this requires the TRI pin (pin 3)
of the master unit to be connected to the SNS RTN pin (pin 9).
When paralleled, 76% of the total combined power ratings of the
SMFLHP converters are available at the load. Overload and short
circuit performance are not adversely affected during parallel
operation.
Features
Parallel operation with current share,
up to 3 units (228 watts)
-55° to +125°C operation
•
19 to 40 VDC input
•
50 V for 120 ms transient protection
•
Fully isolated, magnetic feedback
•
Fixed high frequency switching
•
Remote sense or output trim on single output models
•
Inhibit function
•
Synchronization input and output
•
Indefinite short circuit protection
•
High power density with up to 87% efficiency
•
models
VDC Output
SINgLE
3.3
5
12
15
DuAL
±5
±12
±15
Cleared by u.S. DoD OSR for Public Release
OSR case number 09S-0995, dated March 13, 2009.
Crane Aerospace & Electronics Power Solutions
smFlHp single and dual dc/dc converters
Crane Aerospace & Electronics
Electronics group (Interpoint Brand)
POBox97005•RedmondWA98073-9705
425.882.3100•electronics@craneae.com
www.craneae.com
Page 1 of 13
Rev H - 20071221
28 Volt input – 100 Watt


Similar Part No. - SMFLHP2805D_07

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP2805D/KR INTERPOINT-SMFLHP2805D/KR Datasheet
258Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - SMFLHP2805D_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
Secondary-Side Controller with Current Share and Housekeeping
5/04-Changed from Rev. Sp0 to Rev. A
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
Up to 1500 Watts
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
Parallel operation with current share, 16 to 40 VDC input
MHP270 INTERPOINT-MHP270_10 Datasheet
493Kb / 10P
Parallel operation with current share, up to 5 units (up to 276 watts) Sync In and Sync Out
MOR283R3S INTERPOINT-MOR283R3S_10 Datasheet
2Mb / 24P
Parallel operation with current share, up to 5 units (540 watts)
logo
Pasternack Enterprises,...
PE6228 PASTERNACK-PE6228 Datasheet
203Kb / 3P
Medium Power 25 Watts RF Load Up To 3 GHz With
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
Parallel operation with active current sharing
logo
Zilog, Inc.
Z8F2480 ZILOG-Z8F2480 Datasheet
558Kb / 24P
Load current up to 3 amps
logo
Wall Industries,Inc.
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
Up to 3 Watts, DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com