Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD100N3LF3 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STD100N3LF3
Description  N-channel 30 V, 0.0045 Ω, 80 A, DPAK planar STripFET??II Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD100N3LF3 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STD100N3LF3_09 Datasheet HTML 5Page - STMicroelectronics STD100N3LF3_09 Datasheet HTML 6Page - STMicroelectronics STD100N3LF3_09 Datasheet HTML 7Page - STMicroelectronics STD100N3LF3_09 Datasheet HTML 8Page - STMicroelectronics STD100N3LF3_09 Datasheet HTML 9Page - STMicroelectronics STD100N3LF3_09 Datasheet HTML 10Page - STMicroelectronics STD100N3LF3_09 Datasheet HTML 11Page - STMicroelectronics STD100N3LF3_09 Datasheet HTML 12Page - STMicroelectronics STD100N3LF3_09 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STD100N3LF3
Test circuits
Doc ID 13206 Rev 3
9/14
3
Test circuits
Figure 15.
Switching times test circuit for
resistive load
Figure 16.
Gate charge test circuit
Figure 17.
Test circuit for inductive load
switching and diode recovery times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com