Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV8162 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV8162
Description  5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8162 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV8162 Datasheet HTML 6Page - STMicroelectronics STV8162 Datasheet HTML 7Page - STMicroelectronics STV8162 Datasheet HTML 8Page - STMicroelectronics STV8162 Datasheet HTML 9Page - STMicroelectronics STV8162 Datasheet HTML 10Page - STMicroelectronics STV8162 Datasheet HTML 11Page - STMicroelectronics STV8162 Datasheet HTML 12Page - STMicroelectronics STV8162 Datasheet HTML 13Page - STMicroelectronics STV8162 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechanical data
STV8162
10/14
6
Package mechanical data
Figure 10.
11-pin plastic Clipwatt package
Table 6.
11-pin plastic Clipwatt package dimensions
Dim.
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A3.20
0.126
B1.05
0.041
C0.15
0.006
D1.50
0.059
E
0.49
0.55
0.019
0.002
F
0.80
0.91
0.031
0.036
G
1.57
1.70
1.83
0.062
0.067
0.072
H1
12.00
0.480
H2
18.60
0.732
H3
19.85
0.781
L
17.90
0.700
L1
14.45
0.569
L2
10.70
11.00
11.20
0.421
0.433
0.441
L3
5.50
0.217
B
E
M1
M
C
A
A
H3
H1
F
G1
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com