Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV8162D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV8162D
Description  5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8162D Datasheet(HTML) 1 Page - STMicroelectronics

  STV8162D Datasheet HTML 1Page - STMicroelectronics STV8162D Datasheet HTML 2Page - STMicroelectronics STV8162D Datasheet HTML 3Page - STMicroelectronics STV8162D Datasheet HTML 4Page - STMicroelectronics STV8162D Datasheet HTML 5Page - STMicroelectronics STV8162D Datasheet HTML 6Page - STMicroelectronics STV8162D Datasheet HTML 7Page - STMicroelectronics STV8162D Datasheet HTML 8Page - STMicroelectronics STV8162D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
March 2009
Rev 2
1/14
1
STV8162
+5 V, +5 V and +8 V triple voltage regulator with
disable and reset functions
Features
■ Input voltage range between 7 V and 18 V
■ Output currents up to 600 mA
■ Fixed precision output 1 voltage of 5 V ± 2%
■ Fixed precision output 2 voltage of 5 V ± 2%
■ Fixed precision output 3 voltage of 8 V ± 2%
■ Output 1 with reset facility
■ Outputs 2 and 3 can be disabled by digital input
■ Short circuit protection on each output
■ Thermal protection
■ Low dropout voltages
Description
The STV8162 and STV8162D are monolithic
triple positive voltage regulators designed to
provide three fixed precision output voltages of
5 V, 5 V and 8 V for currents up to 0.6 A.
An internal reset circuit generates a reset pulse
when the voltage of output 1 drops below the
regulated voltage value.
Outputs 2 and 3 can be disabled by a digital input.
Short-circuit and thermal protections are included
in all versions.
Figure 1.
STV8162 and STV8162D
Table 1.
Device summary
Order code
Packaging
STV8162
Tray
STV8162D
Tray
Clipwatt 11
Power DIP18 (9 + 9)
9
8
7
6
5
4
3
2
1
INPUT3
OUTPUT3
INPUT2
OUTPUT2
INPUT1
OUTPUT1
DELAY CAPACITOR
RESET
DISABLE
10
11
12
13
14
15
16
17
18
NC
INPUT3
OUTPUT3
INPUT2
GROUND
OUTPUT2
INPUT1
OUTPUT1
DELAY CAPACITOR
RESET
DISABLE
GROUND
GROUND
GROUND
GROUND
GROUND
GROUND
GROUND
GROUND
GROUND
Top View
11
10
9
8
7
6
5
4
3
2
1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STV8162D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8162D STMICROELECTRONICS-STV8162D Datasheet
870Kb / 12P
5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
Feb-2004
More results

Similar Description - STV8162D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4903 STMICROELECTRONICS-L4903 Datasheet
140Kb / 8P
DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
Jul-1993
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
logo
Integral Corp.
ILA8137 INTEGRAL-ILA8137 Datasheet
133Kb / 2P
5.1 V 5.1 V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
STV8163 STMICROELECTRONICS-STV8163 Datasheet
113Kb / 11P
3.3 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
Sep-2003
STV8162 STMICROELECTRONICS-STV8162 Datasheet
870Kb / 12P
5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
Feb-2004
TDA8133 STMICROELECTRONICS-TDA8133_03 Datasheet
133Kb / 13P
5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
TDA8133 STMICROELECTRONICS-TDA8133_09 Datasheet
185Kb / 14P
5.1 V and 8 V dual voltage regulator with disable and reset functions
05-Mar-2009
logo
Infineon Technologies A...
IFX21004TNV51 INFINEON-IFX21004TNV51 Datasheet
1Mb / 14P
Dual Voltage Regulator with 5 V and 15 V Outputs
Rev. 1.00, 2010-11-04
logo
STMicroelectronics
TDA8139 STMICROELECTRONICS-TDA8139_V01 Datasheet
188Kb / 14P
Double (5.1 V and adjustable) voltage regulator with reset and disable functions
25-Feb-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com