Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OSRB38C9BB Datasheet(PDF) 3 Page - OptoSupply International

Part # OSRB38C9BB
Description  Wide half angle & long reception distance Built-in exclusive IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSRB38C9BB Datasheet(HTML) 3 Page - OptoSupply International

  OSRB38C9BB Datasheet HTML 1Page - OptoSupply International OSRB38C9BB Datasheet HTML 2Page - OptoSupply International OSRB38C9BB Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
http://www.optosupply.com
VER A.0
6
6..6
6*
*5
5..3
3*
*4
4..3
3m
mm
m IIn
nffr
ra
ar
re
ed
d R
Re
ec
ce
eiiv
ve
er
r M
Mo
od
du
ulle
e
OSRB38C9BB
T
Te
essttiin
ng
g M
Me
etth
ho
od
d
D
Diisstta
an
nc
ce
e b
be
ettw
we
ee
en
n e
em
miitttte
er
r a
an
nd
d d
de
ette
ec
ctto
or
r ssp
pe
ec
ciiffiie
ess m
ma
ax
xiim
mu
um
m d
diisstta
an
nc
ce
e tth
ha
att o
ou
uttp
pu
utt w
wa
av
ve
effo
or
rm
m ssa
attiissffiie
ess tth
he
e sstta
an
nd
da
ar
rd
d ((F
FIIG
G--3
3))
u
un
nd
de
er
r tth
he
e sstta
an
nd
da
ar
rd
d ttr
ra
an
nssm
miitttte
er
r..
a
a..
M
Me
ea
assu
ur
riin
ng
g p
plla
ac
ce
e
IIn
nd
do
oo
or
r W
Wiitth
ho
ou
utt e
ex
xttr
re
em
me
e r
re
efflle
ec
cttiio
on
n o
off lliig
gh
htt..
b
b..
A
Am
mb
biie
en
ntt lliig
gh
htt sso
ou
ur
rc
ce
e
D
De
ette
ec
cttiin
ng
g ssu
ur
rffa
ac
ce
e iillllu
um
miin
na
attiio
on
n iiss 2
20
00
0
±±±±±±±±55L
Lu
ux
x u
un
nd
de
er
r o
or
rd
diin
na
ar
ry
y w
wh
hiitte
e ffllu
uo
or
re
essc
ce
en
nc
ce
e lla
am
mp
p o
off n
no
o h
hiig
gh
h ffr
re
eq
qu
ue
en
nc
cy
y lliig
gh
httn
niin
ng
g..
c
c..
S
Stta
an
nd
da
ar
rd
d ttr
ra
an
nssm
miitttte
er
r
T
Tr
ra
an
nssm
miitttte
er
r w
wa
av
ve
e iin
nd
diic
ca
atte
ed
d iin
n F
FIIG
G--2
2 o
off sstta
an
nd
da
ar
rd
d ttr
ra
an
nssm
miitttte
er
r iiss a
ar
rr
ra
an
ng
ge
ed
d tto
o ssa
attiissffy
y V
V
oooooooo
5500m
mV
Vp
p--p
p u
un
nd
de
er
r tth
he
e
m
me
ea
assu
ur
riin
ng
g c
ciir
rc
cu
uiitt ssp
pe
ec
ciiffiie
ed
d iin
n F
FIIG
G--3
3
VCC
GND
OUT
Sensing Distance: d
Standard
Transmitter
FIG-1
Vo
5V
10KΩ
10KΩ
10uF
Standard
Transmitter
940nm IR LED
GND
FIG-3 Power Output Measurment Circuit
P
Pr
re
ec
ca
au
uttiio
on
nss ffo
or
r U
Usse
e
a
a.. S
Stto
orre
e a
an
nd
d u
usse
e w
wh
he
erre
e tth
he
erre
e iiss n
no
o ffo
orrc
ce
e c
ca
au
ussiin
ng
g ttrra
an
nssffo
orrm
ma
attiio
on
n o
orr c
ch
ha
an
ng
ge
e iin
n q
qu
ua
alliitty
y..
b
b.. S
Stto
orre
e a
an
nd
d u
usse
e w
wh
he
erre
e tth
he
erre
e iiss n
no
o c
co
orrrro
ossiiv
ve
e g
ga
ass o
orr sse
ea
a((ssa
alltt)) b
brre
ee
ez
ze
e..
c
c.. S
Stto
orre
e a
an
nd
d u
usse
e w
wh
he
erre
e tth
he
erre
e iiss n
no
o e
ex
xttrre
em
me
e h
hu
um
miid
diitty
y..
d
d.. S
So
olld
de
err tth
he
e lle
ea
ad
d p
piin
n w
wiitth
hiin
n tth
he
e c
co
on
nd
diittiio
on
n o
off rra
attiin
ng
gss.. A
Afftte
err sso
olld
de
erriin
ng
g,, d
do
o n
no
ott a
ad
dd
d e
ex
xtte
erriio
orr ffo
orrc
ce
e..
e
e.. D
Do
o n
no
ott w
wa
assh
h tth
hiiss d
de
ev
viic
ce
e.. W
Wiip
pe
e tth
he
e sstta
aiin
nss o
off d
diio
od
de
e ssiid
de
e w
wiitth
h a
a sso
offtt c
cllo
otth
h.. Y
Yo
ou
u c
ca
an
n u
usse
e tth
he
e sso
ollv
ve
en
ntt,, e
etth
hy
yll
a
allc
co
oh
ho
oll,, o
orr m
me
etth
hy
yll a
allc
co
oh
ho
oll o
on
nlly
y..
ff.. T
To
o p
prre
ev
ve
en
ntt sstta
attiic
c e
elle
ec
cttrriic
ciitty
y d
da
am
ma
ag
ge
e tto
o tth
he
e p
prre
e--a
am
mp
p,, m
ma
ak
ke
e ssu
urre
e tth
ha
att tth
he
e h
hu
um
ma
an
n b
bo
od
dy
y,, tth
he
e sso
olld
de
erriin
ng
g iirro
on
n
a
arre
e c
co
on
nn
ne
ec
ctte
ed
d tto
o g
grro
ou
un
nd
d b
be
effo
orre
e u
ussiin
ng
g..
LED & Application Technologies
Td
Tcyc=100ms
600us
600us
time
Test signal
Output signal
Vo
Voh
Vol
Ton
Toff
time
FIG-2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com