Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8133 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8133
Description  5.1 V and 8 V dual voltage regulator with disable and reset functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8133 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8133 Datasheet HTML 1Page - STMicroelectronics TDA8133 Datasheet HTML 2Page - STMicroelectronics TDA8133 Datasheet HTML 3Page - STMicroelectronics TDA8133 Datasheet HTML 4Page - STMicroelectronics TDA8133 Datasheet HTML 5Page - STMicroelectronics TDA8133 Datasheet HTML 6Page - STMicroelectronics TDA8133 Datasheet HTML 7Page - STMicroelectronics TDA8133 Datasheet HTML 8Page - STMicroelectronics TDA8133 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TDA8133
Description
3/14
1
Description
Figure 2.
TDA8133 block diagram
Figure 3.
TDA8133D block diagram
1
Regulator 1
2
8
Regulator 2
6
9
Reference
7
4
INPUT1
INPUT2
DISABLE
OUTPUT1
OUTPUT2
RESET
DELAY CAPACITOR
NTBC
GROUND
5
3
Protection
NTBC: Not to be Connected
1
Regulator 1
2
7
Regulator 2
5
8
Reference
6
4
INPUT1
INPUT2
DISABLE
OUTPUT1
OUTPUT2
RESET
DELAY CAPACITOR
NTBC
GROUND
3
Protection
Pins 9 to 16
NTBC: Not to be Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com