Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G06FS3-7 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # 74LVC1G06FS3-7
Description  SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G06FS3-7 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button 74LVC1G06FS3-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G06FS3-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G06FS3-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G06FS3-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G06FS3-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G06FS3-7 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G06FS3-7 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G06FS3-7 Datasheet HTML 11Page - Diodes Incorporated 74LVC1G06FS3-7 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
74LVC1G06
SINGLE INVERTER BUFFER/DRIVER WITH
OPEN DRAIN OUTPUT
74LVC1G06
Document number: DS32272 Rev. 2 - 2
8 of 13
www.diodes.com
October 2010
© Diodes Incorporated
Ordering Information
74LVC1G 06 XXX - 7
W5 : SOT25
Function
Package
7 : Tape & Reel
Packing
SE : SOT353
Logic Device
74 : Logic Prefix
LVC : 1.65 to 5.5V
Family
1G : One gate
FZ4 : DFN1410
06 : Inverter Buffer
With Open Drain
Device
Package
Code
Packaging
(Note 6)
7” Tape and Reel
Quantity
Part Number Suffix
74LVC1G06W5-7
W5
SOT25
3000/Tape & Reel
-7
74LVC1G06SE-7
SE
SOT353
3000/Tape & Reel
-7
74LVC1G06FZ4-7
FZ4
DFN1410
5000/Tape & Reel
-7
Notes:
6. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com