Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IC-LQNPCHIP Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-LQNPCHIP
Description  PULSE AND AC LIGHT SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LQNPCHIP Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-LQNPCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-LQNPCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-LQNPCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-LQNPCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-LQNPCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-LQNPCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-LQNPCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-LQNPCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-LQNPCHIP Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
iC-LQNP
PULSE AND AC LIGHT SENSOR
Rev B1, Page 3/10
PACKAGES TO18-4F/L, cDFN6, oBGA LQ1C
PIN CONFIGURATION TO18-4F/L
PIN FUNCTIONS
No. Name Function
1 GND
Ground
2 OUT
High-Side Current Output
3 VCC
+4.5 to +13.2 V Supply Voltage
4 NOUT Low-Side Current Output
PIN CONFIGURATION cDFN6 3 mm x 3 mm
PIN FUNCTIONS
No. Name Function
1 GND
Ground
2 OUT
High-Side Current Output
3 n.c.
4 n.c.
5 NOUT Low-Side Current Output
6 VCC
+4.5 to +13.2 V Supply Voltage
PIN CONFIGURATION oBGA LQ1C
PIN FUNCTIONS
No. Name Function
1 GND
Ground
2 VCC
+4.5 to +13.2 V Supply Voltage
3 OUT
High-Side Current Output
4 GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com