| Electronic Components Datasheet Search |
|
CMX228 Datasheet(PDF) 21 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
CMX228 Datasheet(HTML) 21 Page - CML Microcircuits |
|
21 / 38 page ![]() ISDN Data and Telephony Protocol Engine (inc. X.25) CMX228 © 1999 Consumer Microcircuits Limited 21 D/228/1 © 1999 Chiron Technology Limited Format: AT&F<CR> Sets the following commands and registers to their default values. It does not change the %A !B, !C registers or the &Z command. Commands: E Q V X &C &D &K Registers: S0 S37 %B %D %E %L Format: AT&F9<CR> Sets all commands and registers to the default values and resets LED indicator and RS232 interface pins accordingly. &K (Flow Control) Format: AT&Kn<CR> Indicates the method of flow control to be used between the CMX228 and the DTE when in the data state. There is no flow control when the CMX228 is in the command state. Suffix n Description 0 No flow control 3 (default) Bi-directional RTS/CTS signals Flow control is only active when in an active data call, ie not when dealing with Hayes commands. Flow control is applied to the DTE in the following situations: (i) The remote end signals flow control (the mechanism is protocol dependent). (ii) Several buffers of data are held waiting transmission across ISDN. Flow control is applied to the remote end (the mechanism is protocol dependent) if excessive data is held pending transmission to the DTE, so as to prevent local buffer overflow. &V (View Active/Stored Profiles) Format: AT&V<CR> Causes the CMX228 to display the following command and register values for the stored profile: Commands: E Q V X &C &D &K &Z Registers: S0 S37 %A !C %E %B %D %L !B &Z (Store Directory Number) Format: AT&Z3={DN}<CR> This command instructs the CMX228 to store a directory number. The stored directory number is then used by the X.25 call setup as the ‘Calling NUA’. A directory number consists of a string of characters from the set 0..9, S and ##. The ‘=‘ character can be omitted. Where a store number is entered, only the value 3 will give an ‘OK’ response. The contents of the &Z directory number are displayed by using the &V0 command. Up to 20 digits can be saved. The number must be in quotes. eg at&z3 =’12345’. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |