Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DB1065 Datasheet(PDF) 5 Page - CML Microcircuits

Part # DB1065
Description  CTCSS Encoder / Decoder Development Kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB1065 Datasheet(HTML) 5 Page - CML Microcircuits

  DB1065 Datasheet HTML 1Page - CML Microcircuits DB1065 Datasheet HTML 2Page - CML Microcircuits DB1065 Datasheet HTML 3Page - CML Microcircuits DB1065 Datasheet HTML 4Page - CML Microcircuits DB1065 Datasheet HTML 5Page - CML Microcircuits DB1065 Datasheet HTML 6Page - CML Microcircuits DB1065 Datasheet HTML 7Page - CML Microcircuits DB1065 Datasheet HTML 8Page - CML Microcircuits DB1065 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
20480150.001 MX-COM
 1996
Page 5
Absolute Maximum Ratings
Min.
Max.
Units
Note
B+ Supply Voltage input
-0.30
25.00
volts DC
+5V Supply Voltage input
-0.30
7.00
volts DC
Voltage on logic inputs or outputs
-0.30
5.30
volts DC
1
Voltage on analog input or outputs
-0.40
20.00
volts DC
Storage Temperature
0.00
85.00
C
Operating Temperature
0.00
50.00
C
2.2 Operating Characteristics
For the following conditions unless otherwise specified:
T=25C, DC supply voltage B+ = +12VDC, GND = 0V
0dB ref. = 750mVrms (VDD = 5VDC)
Composite CTCSS test Signal: 300 mVrms 1KHz test tone, 75 mVrms band limited 6KHz
gaussian white noise, 30 mVrms CTCSS tone
Xtal Frequency = 4.0mhz, 100ppm max
For additional Operation Characteristics refer to MX-COM MX465 data sheet
Characteristic
Minimum
Typical
Maximum
Units
Note
Supply voltage
B+ DC Supply Voltage Input
8
12
25
VDC
+5V DC Supply Voltage Input
35
7
VDC
DC Supply Current
6
10
ma
Input Logic specifications for
PTT, PTL, CS , MONITOR
Input Low Voltage
1.50
VDC
1
Input High Voltage
3.50
VDC
1
Output Logic Specifications for DECODE (open collector output)
Output Current (sink)
10
mA
Analog Outputs TXOUT, RXOUT, TONEOUT
Impedance
1000

TXOUT Level
750
mVrms
RXOUT Level
500
mVrms
TONEOUT Level
500
mVrms
Analog Inputs TXIN, RXIN
Impedance
1000

TXIN Level
100
300
mVrms
RXIN Level
30
500
mVrms
TX and RX Audio Filter
Total Harmonic Distortion
2
5
%THD
2
Output Noise Level (input AC gnd)
2
mVrms
Passband
300
3000
Hz
Bandpass Ripple
-1
1
dB
Passband Gain at 1KHz
0
dB
CTCSS Decoder
Input signal level
30
436
mVrms
2
Response Time
250
ms
3,4,5
Deresponse Time
180.00
250
ms
3,4,5
Upper Decode Band Edge
1.005 Fi
.995 Fi+1
Hz
3,6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com