Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EV8000 Datasheet(PDF) 5 Page - CML Microcircuits

Part # EV8000
Description  Evaluation Kit User
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8000 Datasheet(HTML) 5 Page - CML Microcircuits

  EV8000 Datasheet HTML 1Page - CML Microcircuits EV8000 Datasheet HTML 2Page - CML Microcircuits EV8000 Datasheet HTML 3Page - CML Microcircuits EV8000 Datasheet HTML 4Page - CML Microcircuits EV8000 Datasheet HTML 5Page - CML Microcircuits EV8000 Datasheet HTML 6Page - CML Microcircuits EV8000 Datasheet HTML 7Page - CML Microcircuits EV8000 Datasheet HTML 8Page - CML Microcircuits EV8000 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Evaluation Kit User Manual for FX828 and FX829
EV8000
© 2004 CML Microsystems Plc
5
UM8000/4
1.3
Quick Start
This section provides instructions for users who wish to experiment immediately with the
evaluation kit. A fuller description of the kit and its use appears later in this document.
1.3.1
Setting-Up
THE EV8000 COMES PRE-CONFIGURED FOR OPERATION AT 5.0V.
The
µC board contains a socket for a 40-pin DIL PIC (or compatible) general-purpose µC, which
the user may re-program with his applications software. The
µC board comes with a pre-
programmed PIC 16C74AJW or equivalent containing communications firmware and application
specific demonstration firmware for the EV8000 evaluation kit.
The kit also contains a 9-way D-type RS232 cable (for connection to a PC), as shown in the Block
Diagram of Figure 1. No board adjustments are required by the user.
The C-BUS connector on the signalling processor board, J1 or J2, should be linked to connector
J1 on the
µC board with a 20-way flat cable, as shown in Figure 1, connecting pin 1 to pin 1.
Analogue signals can be input or monitored at connector J6.
BEFORE APPLYING POWER, PLEASE CHECK THE FOLLOWING:
ENSURE THE PIC
µC IS PLUGGED INTO SOCKET U2 ON THE µC BOARD.
ATTACH THE 9-WAY RS232 CABLE TO CONNECTOR J3 ON THE
µC BOARD AND THE
SERIAL PORT OF A PC.
ATTACH THE 20-WAY FLAT CABLE TO CONNECTOR J1 ON THE
µC BOARD AND
CONNECTOR J1 ON THE SIGNALLING PROCESSOR BOARD. PIN 1 MUST CONNECT TO
PIN 1.
Connect any other equipment as shown in Figure 1.
Ensure the PC software supplied is set up as detailed in Section 1.6.3.1.
The EV8000 boards each have connections for a single 8 - 35V dc power supply. Only one board
(as shown in Figure 1) needs to be connected as power is supplied to the other board over the
20-way flat cable. If the
µC board supplied is not used, then power will need to be applied to the
signalling processor board instead. Each board has its own power supply regulator chip, with a
jumper to select 3.3V or 5.0V (default) operation.
Ensure that the component value jumpers on each of the EV8000 evaluation boards are correctly
set for 3.3V or 5.0V operation. Please refer to Sections 1.6.1.1 and 1.6.2.1 for further details.
MAKE SURE BOTH BOARDS HAVE THIS LINK SET TO THE SAME VOLTAGE. DAMAGE
MAY RESULT IF THIS STEP IS NOT OBSERVED. DO NOT OPERATE THE
µC BOARD WITH ITS VOLTAGE SELECTION LINK REMOVED. THE µC BOARD AND
SIGNALLING PROCESSOR BOARD VOLTAGE SELECTION LINKS HAVE DIFFERENT
CONFIGURATIONS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com