Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IC-TL33 Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-TL33
Description  Infrared LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-TL33 Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-TL33 Datasheet HTML 1Page - IC-Haus GmbH IC-TL33 Datasheet HTML 2Page - IC-Haus GmbH IC-TL33 Datasheet HTML 3Page - IC-Haus GmbH IC-TL33 Datasheet HTML 4Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
iC-TL33 TO46-2L1
Infrared LED
Rev B1, Page 3/4
DIAGRAMS
AMBIENT TEMPERATURE [°C]
THERMAL DERATING CURVE
125
100
150
100
50
75
50
25
0
Figure 1: Maximum power dissipation with respect
to temperature
0
1
2
-1
-2
-3
Distance LED to sensor:
10 mm
3 mm
1 mm
iC-TL33 illumination pattern
Sensor position [mm]
3
Figure 2: Illumination pattern depending vs.
dis-
tance
Degradation of optical output power at 125°C
-40%
-30%
-20%
-10%
0%
0
500
1000
1500
2000
Burn-In Time [h]
125°C, 20 mA forward current (mean of 32 devices)
125°C, 50 mA forward current (mean of 32 devices)
Figure 3: Optical output as a function of time. Mean
value shown of 32 devices each.
LED’s generally display a degradation in their optical
power depending on the profile of the individual appli-
cation, i.e. the forward current, chip temperature and
operating time. Typical behavior is shown in Figure 3,
from which the service life can be inferred. Depending
on the profile of use the light yield can be reduced by
30% to 50% during deployment in an industrial applica-
tion (e.g. 50,000 hours), making an LED power control
necessary. The design and dimensioning of the LED
circuitry is determined by the qualification according to
the application-specific profile of use.
State-of-the-art technology guarantees a minimum
beam power in an as-received condition with a defined
current (25°C). A run-in at an operating point of 20 mA
and a chip temperature of 125°C for 72 hours enables
statements to be made as to the initial degradation dur-
ing an accelerated stress test; it does not, however,
provide any conclusions as to the service life of the
LED.
This specification is for a newly developed product. iC-Haus therefore reserves the right to change or update, without notice, any information contained herein,
design and specification; and to discontinue or limit production or distribution of any product versions. Please contact iC-Haus to ascertain the current data.
Copying – even as an excerpt – is only permitted with iC-Haus approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification on this site and does not assume liability for any errors or omissions
in the materials. The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of
merchantability, fitness for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which
information refers and no guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or
areas of applications of the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.
As a general rule our developments, IPs, principle circuitry and range of Integrated Circuits are suitable and specifically designed for appropriate use in technical
applications, such as in devices, systems and any kind of technical equipment, in so far as they do not infringe existing patent rights. In principle the range of
use is limitless in a technical sense and refers to the products listed in the inventory of goods compiled for the 2008 and following export trade statistics issued
annually by the Bureau of Statistics in Wiesbaden, for example, or to any product in the product catalogue published for the 2007 and following exhibitions in
Hanover (Hannover-Messe).
We understand suitable application of our published designs to be state-of-the-art technology which can no longer be classed as inventive under the stipulations
of patent law. Our explicit application notes are to be treated only as mere examples of the many possible and extremely advantageous uses our products can
be put to.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com