Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FX818D2 Datasheet(PDF) 17 Page - CML Microcircuits

Part # FX818D2
Description  CTCSS SIGNALLING PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX818D2 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button FX818D2 Datasheet HTML 13Page - CML Microcircuits FX818D2 Datasheet HTML 14Page - CML Microcircuits FX818D2 Datasheet HTML 15Page - CML Microcircuits FX818D2 Datasheet HTML 16Page - CML Microcircuits FX818D2 Datasheet HTML 17Page - CML Microcircuits FX818D2 Datasheet HTML 18Page - CML Microcircuits FX818D2 Datasheet HTML 19Page - CML Microcircuits FX818D2 Datasheet HTML 20Page - CML Microcircuits FX818D2 Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
CTCSS Signalling Processor
FX818
© 1997 Consumer Microcircuits Limited
17
D/818/4
The flow chart shows the decoder, fast detect/fast predictive and transmitter enabled with the following
example:
1.
Tx tone generator = 100Hz
2.
Decoder programmed with 100Hz in address 3
3.
Bandwidth setting = ±2.7%
4.
Interrupt enabled
Note: $8X is the Hex address/command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com