Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FX919AD2 Datasheet(PDF) 40 Page - CML Microcircuits

Part # FX919AD2
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX919AD2 Datasheet(HTML) 40 Page - CML Microcircuits

Back Button FX919AD2 Datasheet HTML 36Page - CML Microcircuits FX919AD2 Datasheet HTML 37Page - CML Microcircuits FX919AD2 Datasheet HTML 38Page - CML Microcircuits FX919AD2 Datasheet HTML 39Page - CML Microcircuits FX919AD2 Datasheet HTML 40Page - CML Microcircuits FX919AD2 Datasheet HTML 41Page - CML Microcircuits FX919AD2 Datasheet HTML 42Page - CML Microcircuits FX919AD2 Datasheet HTML 43Page - CML Microcircuits FX919AD2 Datasheet HTML 44Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
4-Level FSK Modem Data Pump
FX919A
© 1996 Consumer Microcircuits Limited
40
D/919A/4
Operating Characteristics
For the following conditions unless otherwise specified:
Xtal Frequency = 4.9152MHz, Symbol Rate = 4800 symbols/sec,
Noise Bandwidth = 0 to 9600Hz, VDD = 3.3V to 5.0V, Tamb = - 40°C to +85°C.
Notes
Min.
Typ.
Max.
Units
DC Parameters
IDD
(VDD = 5.0V)
1
4.0
10.0
mA
IDD
(VDD = 3.3V)
1
2.5
6.3
mA
IDD
(Powersave Mode VDD = 5.0V)
1
1.5
mA
IDD
(Powersave ModeVDD = 3.3V)
1
0.6
mA
AC Parameters
Tx Output
TXOP Impedance
2
1.0
2.5
k
Ω
Signal Level
3
0.8
1.0
1.2
V pk-pk
Output DC Offset wrt VDD/2
4
-0.25
+0.25
V
Rx Input
RXIN Impedance (at 100Hz)
10.0
M
Ω
RXIN Amp Voltage Gain (I/P = 1mVrms at 100Hz)
300
V/V
Input Signal Level
5
0.7
1.0
1.3
V pk-pk
DC Offset wrt VDD/2
5
-0.5
+0.5
V
Xtal/Clock Input
'High' Pulse Width
6
40
ns
'Low' Pulse Width
6
40
ns
Input Impedance (at 100Hz)
10.0
M
Ω
Gain (I/P = 1mVrms at 100Hz)
20
dB
µC Interface
Input Logic "1" Level
7, 8
70%
VDD
Input Logic "0" Level
7, 8
30%
VDD
Input Leakage Current (Vin = 0 to VDD)
7, 8
5.0
+5.0
µA
Input Capacitance
7, 8
10.0
pF
Output Logic "1" Level (lOH = 120µA)
8
92%
VDD
Output Logic "0" Level (lOL = 360µA)
8,9
8%
VDD
'Off' State Leakage Current (Vout = VDD)
9
10
µA
Notes:
1.
At 25
°C. Not including any current drawn from the modem pins by external circuitry other than
the Xtal oscillator.
2.
Small signal impedance, at VDD = 5.0V and Tamb = 25°C.
3.
Measured after the external RC filter (R4/C5) for a "+3 +3 -3 -3...." symbol sequence, at VDD
= 5.0V and Tamb = 25°C (output level is proportional to VDD).
4.
Measured at the TXOP pin with the modem in the Tx idle mode.
5.
For optimum performance, measured at RXFB pin, for a "...+3 +3 -3 -3..." symbol sequence,
at VDD = 5.0V and Tamb = 25°C. Optimum level is proportional to VDD.
6.
Timing for an external input to the CLOCK/XTAL pin.
7.
WRN, RDN, CSN, A0 and A1 pins.
8.
D0 - D7 pins.
9.
IRQN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com