Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FX929AD2 Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX929AD2
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929AD2 Datasheet(HTML) 1 Page - CML Microcircuits

  FX929AD2 Datasheet HTML 1Page - CML Microcircuits FX929AD2 Datasheet HTML 2Page - CML Microcircuits FX929AD2 Datasheet HTML 3Page - CML Microcircuits FX929AD2 Datasheet HTML 4Page - CML Microcircuits FX929AD2 Datasheet HTML 5Page - CML Microcircuits FX929AD2 Datasheet HTML 6Page - CML Microcircuits FX929AD2 Datasheet HTML 7Page - CML Microcircuits FX929AD2 Datasheet HTML 8Page - CML Microcircuits FX929AD2 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
CML Semiconductor Products
4-Level FSK Modem Data Pump
FX929A
© 1996 Consumer Microcircuits Limited
D/929A/4 June 1996
1.0
Features
Advance Information
•• 4-Level FSK Modulation
•• Flexible Operating Modes
•• Half Duplex, 4800 to 19.2k bits/sec
•• Host Bus Interface
•• Full Packet Data Framing
•• Low Power 3.3V to 5V Operation
•• RD-LAP Compatible*
•• 24-Pin Small Form Package Option
• Radio Data-Link Access Procedure (RD-LAP) is a data communications air interface protocol developed by Motorola Inc. •
1.1
Brief Description
The FX929A is a CMOS integrated circuit that contains all of the baseband signal processing and Medium
Access Control (MAC) protocol functions required for a high performance 4-level FSK Wireless Packet Data
Modem. It interfaces with the modem host processor and the radio modulation/demodulation circuits to deliver
reliable two-way transfer of the application data over the wireless link.
The FX929A assembles application data received from the processor, adds forward error correction (FEC) and
error detection (CRC) information and interleaves the result for burst-error protection. After adding symbol and
frame sync codewords, it converts the packet into filtered 4-level analogue signals for modulating the radio
transmitter.
In receive mode, the FX929A performs the reverse function using the analogue signals from the receiver
discriminator. After error correction and removal of the packet overhead, the recovered application data is
supplied to the processor. Any residual uncorrected errors in the data will be flagged. A readout of the SNR
value during receipt of a packet is also provided.
The FX929A uses data block sizes and FEC/CRC algorithms compatible with the RD-LAP over-air standard.
The format used is suitable for other private applications which require the high-speed transfer of data over
narrow-band wireless links. The device is programmable to operate at most standard bit-rates from a wide
choice of Xtal/clock frequencies.


Similar Part No. - FX929AD2

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX929B CMLMICRO-FX929B Datasheet
1Mb / 48P
Flexible Operating Modes
More results

Similar Description - FX929AD2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
HIGH SPEED FAX MODEM DATA PUMP
Jun-1995
logo
Texas Instruments
TCM3105DWE TI-TCM3105DWE Datasheet
342Kb / 11P
FSK MODEM
logo
Sanyo Semicon Device
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
High-speed fax modem data pump
logo
List of Unclassifed Man...
RCV336DPI ETC1-RCV336DPI Datasheet
992Kb / 14P
V.34 Data V.17 Fax, Modem Data Pump
logo
Exar Corporation
XR-2103 EXAR-XR-2103 Datasheet
362Kb / 6P
FSK Modem Filter
logo
AMI SEMICONDUCTOR
AMIS-30585 AMI-AMIS-30585 Datasheet
501Kb / 11P
S-FSK PLC Modem
logo
List of Unclassifed Man...
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
Single Device Data/Fax Modem Data Pump
logo
Texas Instruments
TCM3105DWL TI-TCM3105DWL Datasheet
246Kb / 12P
FSK MODEM
logo
CML Microcircuits
FX919A CMLMICRO-FX919A Datasheet
1Mb / 44P
4-Level FSK Modem Data Pump
FX949 CMLMICRO-FX949 Datasheet
624Kb / 25P
CDPD Wireless Modem Data Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com