Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP1506 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1506
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1506 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1506 Datasheet HTML 1Page - Diodes Incorporated AP1506 Datasheet HTML 2Page - Diodes Incorporated AP1506 Datasheet HTML 3Page - Diodes Incorporated AP1506 Datasheet HTML 4Page - Diodes Incorporated AP1506 Datasheet HTML 5Page - Diodes Incorporated AP1506 Datasheet HTML 6Page - Diodes Incorporated AP1506 Datasheet HTML 7Page - Diodes Incorporated AP1506 Datasheet HTML 8Page - Diodes Incorporated AP1506 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP1506
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506
Document number: DS31015 Rev. 7 - 2
1 of 14
www.diodes.com
June 2010
© Diodes Incorporated
Description
The AP1506 series are monolithic IC designed for a step-
down DC/DC converter, and own the ability of driving a 3A
load without external transistor. Due to reducing the number
of external components, the board space can be saved easily.
The external shutdown function can be controlled by logic
level and then come into standby mode. The internal
compensation makes feedback control have good line and
load regulation without external design. Regarding protected
function, thermal shutdown is to prevent over temperature
operating from damage, and current limit is to prevent over
current operating of the output switch. If current limit function
occurred and VFB is down to 0.5V below, the switching
frequency will be reduced. The AP1506 series operate at a
switching frequency of 150KHz thus allowing smaller sized
filter components than what would be needed with lower
frequency switching regulators. Other features include a
guaranteed +4% tolerance on output voltage under specified
input voltage and output load conditions, and +15% on the
oscillator frequency. The output version included fixed 3.3V,
5V, 12V, and an adjustable type. The packages are available
in a standard 5-lead TO263 and TO220.
Features
•
Output Voltage: 3.3V, 5V, 12V and Adjustable Output
Version
•
Adjustable Version Output Voltage Range, 1.23V to
18V+4%
•
150KHz +15% Fixed Switching Frequency
•
Voltage Mode Non-Synchronous PWM Control
•
Thermal-Shutdown and Current-Limit Protection
•
ON/OFF Shutdown Control Input
•
Operating Voltage can be up to 22V
•
Output Load Current: 3A
•
Lead Free packages: TO263-5L and TO220-5L(R)
•
TO263-5L and TO220-5L(R): Available in “Green”
Molding Compound (No Br, Sb)
•
Low Power standby mode
•
Built-in Switching Transistor On Chip
•
Lead Free Finish/RoHS Compliant (Note 1)
Pin Assignments
( Top View )
1 V
IN
5 SD
4 FB
3 Gnd
2 Output
Metal Tab GND
TO263-5L
1 V
IN
5 SD
4 FB
3 Gnd
2 Output
( Top View )
TO220-5L/TO220-5L(R)
Applications
•
Simple High-Efficiency Step-Down Regulator
•
On-Card Switching Regulators
•
Positive to Negative Converter
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AP1506

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1506 ANACHIP-AP1506 Datasheet
206Kb / 12P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1506 DIODES-AP1506 Datasheet
230Kb / 13P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506 Rev. 2
logo
Anachip Corp
AP1506 ANACHIP-AP1506 Datasheet
238Kb / 13P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.3 Oct 24, 2005
logo
Diodes Incorporated
AP1506 DIODES-AP1506 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
Rev 8
logo
Anachip Corp
AP1506-12K5 ANACHIP-AP1506-12K5 Datasheet
206Kb / 12P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
More results

Similar Description - AP1506

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3123 FOSLINK-FSP3123 Datasheet
320Kb / 11P
150KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com