Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP1513SL-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1513SL-13
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1513SL-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1513SL-13 Datasheet HTML 1Page - Diodes Incorporated AP1513SL-13 Datasheet HTML 2Page - Diodes Incorporated AP1513SL-13 Datasheet HTML 3Page - Diodes Incorporated AP1513SL-13 Datasheet HTML 4Page - Diodes Incorporated AP1513SL-13 Datasheet HTML 5Page - Diodes Incorporated AP1513SL-13 Datasheet HTML 6Page - Diodes Incorporated AP1513SL-13 Datasheet HTML 7Page - Diodes Incorporated AP1513SL-13 Datasheet HTML 8Page - Diodes Incorporated AP1513SL-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP1513
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 4
4 of 9
JULY 2009
DS31053
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(VIN = 12V, TA = 25°C, unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VFB
Feedback Voltage
IOUT = 0.1A
0.784
0.8
0.816
V
IFB
Feedback Bias Current
IOUT = 0.1A
-
0.1
0.5
µA
ISW
Switch Current
--
2.5
-
-
A
ISSS
Current Consumption
During Power Off
VEN = 0V
-
10
-
µA
∆VOUT
/VOUT
Line Regulation
VIN = 5V~18V
-
1
2
%
∆VOUT
/VOUT
Load Regulation
IOUT = 0.1 to 2A
-
0.2
0.5
%
fOSC
Oscillation Frequency
Measure waveform at SW pin
240
300
400
KHz
fOSC1
Frequency of Current Limit
or Short Circuit Protect
Measure waveform at SW pin
10
-
-
KHz
VSH
EN Pin Input Voltage
Evaluate oscillation at SW pin
2.0
-
-
V
VSL
Evaluate oscillation stop at SW pin
-
-
0.8
ISH
EN Pin Input Leakage
Current
--
-
20
-
µA
ISL
--
-
-10
-
µA
IOCSET
OCSET Pin Bias Current
--
75
90
105
µA
TSS
Soft-Start Time
--
0.3
2
5
ms
RDSON
Internal MOSFET Rdson
VIN = 5V, VFB = 0V
-
110
150
mΩ
VIN = 12V, VFB = 0V
-
70
100
EFFI
Efficiency
VIN = 12V, VOUT = 5V
IOUT = 2A
-
92
-
%
θJA
Thermal Resistance
Junction-to-Ambient
SOP-8L (Note 3)
-
134
-
oC/W
θJC
Thermal Resistance
Junction-to-Case
SOP-8L (Note 3)
-
22
-
oC/W
Notes:
3. Test conditions: Device mounted on FR-4 PCB, 2"*2", 2oz copper minimum recommended pad layout, single-sided, PC boards.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com