Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP1635 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1635
Description  PWM/PFM DUAL MODE STEP-DOWN DC/DC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1635 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1635_09 Datasheet HTML 1Page - Diodes Incorporated AP1635_09 Datasheet HTML 2Page - Diodes Incorporated AP1635_09 Datasheet HTML 3Page - Diodes Incorporated AP1635_09 Datasheet HTML 4Page - Diodes Incorporated AP1635_09 Datasheet HTML 5Page - Diodes Incorporated AP1635_09 Datasheet HTML 6Page - Diodes Incorporated AP1635_09 Datasheet HTML 7Page - Diodes Incorporated AP1635_09 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP1635
PWM/PFM DUAL MODE STEP-DOWN DC/DC
CONVERTER
AP1635 Rev. 4
3 of 8
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Block Diagram
Phase
Compensation
Vref with
CE
+
-
PWM/PFM
Controller
+
-
Ramp Wave
Generator,
OSC
SW
CE/SS
GND
PVcc
PWM
Comparator
FB
Current Limit
Soft
Start
ERR
AMP
SVcc
Absolute Maximum Ratings
(TA=25°C)
Symbol
Parameter
Ratings
Units
VCC/SVCC
VIN Pin Voltage
-0.3 ~ 5.0
V
VSW
SW Pin Voltage
-0.3
~
VIN+0.3
V
VFB
FB Pin Voltage
-0.3
~
VIN+0.3
V
VCE/SS
CE/SS Pin Voltage
-0.3
~
VIN+0.3
V
PD
Continuous Total Power Dissipation
Internal limited
TOPR
Operating Ambient Temperature
-25 ~ +80
°C
TSTG
Storage Temperature
-40 ~ +125
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com