Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP2014ASG-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2014ASG-13
Description  SYNCHRONOUS PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2014ASG-13 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2014ASG-13 Datasheet HTML 2Page - Diodes Incorporated AP2014ASG-13 Datasheet HTML 3Page - Diodes Incorporated AP2014ASG-13 Datasheet HTML 4Page - Diodes Incorporated AP2014ASG-13 Datasheet HTML 5Page - Diodes Incorporated AP2014ASG-13 Datasheet HTML 6Page - Diodes Incorporated AP2014ASG-13 Datasheet HTML 7Page - Diodes Incorporated AP2014ASG-13 Datasheet HTML 8Page - Diodes Incorporated AP2014ASG-13 Datasheet HTML 9Page - Diodes Incorporated AP2014ASG-13 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AP2014/A
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
6 of 14
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
(Continued)
(5)
L1
4.7u
C10
470u
C9
470u
+12V
C15
470u
optional
C12
470u
C20
10p
Q1
C4
0.1u
+12V_BUS
R4
0R
+12V
C11
0.1u
R6
39k
D2
SBD
C5
1u
R3
11
Vout +1.26V
R9
R
C13
470u
C3
1u
C7
470u
C6
5600pF
R2
1K
U1
AP2014A
1
2
3
45
6
7
8
FB
Vcc
LDrv
GND HDrv
Vc
Comp
SS
C17
0.1u
R1
2.2K
Q2
R7
0R
70T03H
70T03H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com