Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC4604 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC4604
Description  Power Amplifier Application Power Switching Applications.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4604 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC4604 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4604 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4604 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4604 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC4604
2004-07-26
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC4604
Power Amplifier Application.
Power Switching Applications.
• Low collector-emitter saturation voltage: VCE (sat) = 0.5 V (max)
(IC = 1.5 A)
• High-speed switching: tstg = 0.5 µs (typ.)
• Complementary to 2SA1761
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
80
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
6
V
Collector current
IC
3
A
Base current
IB
0.6
A
Collector power dissipation
PC
900
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 80 V, IE = 0
0.1
µA
Emitter cut-off current
IEBO
VEB = 6 V, IC = 0
0.1
µA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IE = 0
50
V
hFE (1)
VCE = 2 V, IC = 100 mA
120
400
DC current gain
hFE (2)
VCE = 2 V, IC = 2 A
40
Collector-emitter saturation voltage
VCE (sat)
IC = 1.5 A, IB = 75 mA
0.5
V
Base-emitter saturation voltage
VBE (sat)
IC = 1.5 A, IB = 75 mA
1.2
V
Transition frequency
fT
VCE = 2 V, IC = 100 mA
100
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
20
pF
Turn-on time
ton
0.1
Storage time
tstg
0.5
Switching time
Fall time
tf
IB1 = −IB2 = 75 mA, duty cycle ≤ 1%
0.1
µs
Unit: mm
JEDEC
TO-92MOD
JEITA
TOSHIBA
2-5J1A
Weight: 0.36 g (typ.)
20 µs
30 V
Output
IB2
IB1
Input


Similar Part No. - 2SC4604

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4604 TOSHIBA-2SC4604 Datasheet
166Kb / 2P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
More results

Similar Description - 2SC4604

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1298 TOSHIBA-2SA1298_07 Datasheet
311Kb / 4P
Low Frequency Power Amplifier Application Power Switching Applications
2SA1315 TOSHIBA-2SA1315_07 Datasheet
155Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1926 TOSHIBA-2SA1926_10 Datasheet
107Kb / 3P
Power Amplifier Applications Power Switching Applications
2SC2873 TOSHIBA-2SC2873_04 Datasheet
163Kb / 5P
Power Amplifier Applications Power Switching Applications
2SC4540 TOSHIBA-2SC4540_04 Datasheet
150Kb / 4P
Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com