Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3464 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3464
Description  4 Channel LED Driver Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3464 Datasheet HTML 1Page - National Semiconductor (TI) LM3464 Datasheet HTML 2Page - National Semiconductor (TI) LM3464 Datasheet HTML 3Page - National Semiconductor (TI) LM3464 Datasheet HTML 4Page - National Semiconductor (TI) LM3464 Datasheet HTML 5Page - National Semiconductor (TI) LM3464 Datasheet HTML 6Page - National Semiconductor (TI) LM3464 Datasheet HTML 7Page - National Semiconductor (TI) LM3464 Datasheet HTML 8Page - National Semiconductor (TI) LM3464 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Bill of Materials
Designation
Description
Package
Manufacturer Part #
Vendor
U1
LED Driver IC, LM3464 eTSSOP-28
eTSSOP-28
LM3464MH
NSC
D1
Schottky Diode 40V 1.1A DO219AB
DO219AB
SL04-GS08
Vishay
Q1,Q2,Q3,Q4
MOSFET N-CH 150V 29A D-PAK
D-PAK
FDD2572
Fairchild
MOSFET N-CH 150V 50A TO252–3
TO252–3
IPD200N15N3
Infineon
CIN
Cap MLCC 100V 2.2uF X7R 1210
1210
GRM32ER72A225KA35L
Murata
CVCC
Cap MLCC 10V 1uF X5R 0603
0603
GRM185R61A105KE36D
Murata
CDHC
Cap MLCC 50V 0.22uF X5R 0603
0603
GCM188R71H224KA64D
Murata
CFLT
Cap MLCC 50V 2.2nF X7R 0603
0603
GRM188R71H222KA01D
Murata
CTHM
Cap MLCC 50V 68nF X7R 0603
0603
GRM188R71H683KA01D
Murata
R1
Chip Resistor 8.06Kohm 1% 0603
0603
CRCW06038K06FKEA
Vishay
RTHM1
Chip Resistor 4.87Kohm 1% 0603
0603
CRCW06034K87FKEA
Vishay
RTHM2
Chip Resistor 232ohm 1% 0603
0603
CRCW0603232RFKEA
Vishay
RDMIN1
Chip Resistor 15.4Kohm 1% 0603
0603
CRCW060315K4FKEA
Vishay
RDMIN2
Chip Resistor 1.05Kohm 1% 0603
0603
CRCW06031K05FKEA
Vishay
RDHC
Chip Resistor 2.67Kohm 1% 0603
0603
CRCW06032K67FKEA
Vishay
RFB1
Chip Resistor 48.7Kohm 1% 0603
0603
CRCW060348K7FKEA
Vishay
RFB2
Chip Resistor 2.67Kohm 1% 0603
0603
CRCW06032K67FKEA
Vishay
RISNS1, RISNS2,
RISNS3, RISNS4
Chip Resistor 1.13ohm 1% 0603
0603
CRCW06031R13FKEA
Vishay
JP1
Chip Resistor 0ohm 1% 0603
0603
CRCW06030000Z0EA
Vishay
VIN,PGND
Banana Jack 5.3(mm) Dia
5.3 (mm) Dia.
575-8
Keystone
FAULTb,DIM, SYNC,
THM+, THM-, AGND,
VFB, VIN, PGND, EN,
LED1, LED2, LED3,
LED4
Turret 2.35(mm) Dia
2.35 (mm) Dia.
1502-2
Keystone
PCB
LM3464EVAL PCB 82.5 X 60 (mm)
82.5 x 60 (mm)
NSC
D2,D3,D4,D5
NA
SMA
RG1,RG2,RG3,RG4
NA
0603
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com