Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RACD60 Datasheet(PDF) 1 Page - Recom International Power

Part # RACD60
Description  60 Watt PFC Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD60 Datasheet(HTML) 1 Page - Recom International Power

  RACD60 Datasheet HTML 1Page - Recom International Power RACD60 Datasheet HTML 2Page - Recom International Power RACD60 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
22
www.recom-electronic.com
REV: 5/2010
Please Read Application Notes
RoHS
2002/95/EC
6/6
LIGHTLINE
AC/DC-Converter
with 5 year Warranty
RACD60
60 Watt PFC
Single
Output
AC-DC LED Power Supply
60W Dual Mode CV and CC Output
Power Factor Corrected
Universal Input Voltage Ranges
Low Cost Open Frame Design
High Efficiency
Adjustable Current Limit
Long 5 Year Warranty
Features
LED DRIVER
Selection Guide
Part
Input Voltage
Output
Output Current
Preset
Efficiency
Max
Number
Range
Voltage
Adjust Range
Current Limit (230VAC) Power
(VAC)
(VDC)
(mA)
(mA)
(%)
(W)
RACD60-4200*
universal
11 min - 13.5 max
3570 - 4200
4200
85
60W
RACD60-2400*
universal
17 min -24 max
1700 - 2500
2400
87
60W
RACD60-2100*
universal
21 min - 28 max
1400 - 2140
2100
89
60W
RACD60-1400*
universal
21 min - 28 max
1400 - 2140
1400
89
60W
RACD60-1050*
universal
33.5 min - 48 max
825 - 1250
1050
89
60W
RACD60-700*
universal
38 min - 54 max
700 - 850
700
89
46W
* add suffix /OF for open frame version (Standard) or add suffix /IP67 for potted version
Input Voltage Range
90-264VAC
Rated Power
60 Watts max.
Input Frequency Range
47-63 Hz
Power Factor Correction
Full Load, 115VAC/230VAC
> 0.9
Input Current (full load)
115VAC/230VAC
0.8A / 0.4A max.
Inrush Current (cold start)
115VAC/230VAC
25A / 50A max.
Leakage Current
230VAC/63Hz
<0.75mA max.
Input Fuse
Built-in
3.15A Slow Blow
Output Current Accuracy
Full load
±5%
Output Current Adjust
Preset Potentiometer
75% to 100% approx.
Line Voltage Regulation
LL to HL at Full Load
±4% typ.
Load Voltage Regulation
60% to 100% Load
±5% typ.
Minimum Load Current
see table
Output Ripple and Noise
20MHz limited,with 0.1µF + 47µF
5Vp-p max.
Operating Frequency
65kHz typ.
Efficiency at Full Load
see table
Isolation Voltage (60Hz RMS)
input to output (/OF Version)
3.75kVAC / 1 minute
input to output (/IP67 Version)
4kVAC / 1 minute
input to filter ground
1500VAC / 1 minute
output to filter ground
500VAC / 1 minute
Temperature Coefficient
±0.02%/°C typ.
Overload Protection
105% typ.
Short Circuit Protection
Continuous, Hiccup, Automatic Restart
Output Overvoltage Protection
Zener Diode Clamp
Description
Specifications (typical at 25°C and after warm up time unless otherwise specified )
A compact universal input voltage 60W constant voltage/ constant current switching power
module suitable for driving high power LEDs. The LED drivers have a dual mode of operation:
CV mode: at loads below the preset current limit , the RACD60 behaves as a voltage source.
CC mode: at loads above the preset current limit, the RACD60 behaves as a current source.
Thus the same power supply can be used with both CV and CC LED modules. The current
limit can be set by the user. The RACD 60 series have a universal input voltage range and are
fully protected against output short circuit, overload and over-temperature. The converters
feature built-in power factor correction as standard.
UL Pending
EN 61347 Certified
CE Marked
125
75
50
25
0
100
Ambient Temperature Range (°C)
060 70 80 90
Natural Convection
50
-25
4.2A
All others
40
Derating Graph
(Ambient Temperature)


Similar Part No. - RACD60

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD60 RECOM-RACD60 Datasheet
148Kb / 4P
60 Watt PFC Single Output
RACD60-1050 RECOM-RACD60-1050 Datasheet
148Kb / 4P
60 Watt PFC Single Output
RACD60-1050 RECOM-RACD60-1050 Datasheet
153Kb / 4P
60 Watt PFC Single Output
RACD60-1050A RECOM-RACD60-1050A Datasheet
98Kb / 2P
60 Watt PFC Single Output
RACD60-1200A RECOM-RACD60-1200A Datasheet
98Kb / 2P
60 Watt PFC Single Output
More results

Similar Description - RACD60

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD12 RECOM-RACD12 Datasheet
90Kb / 2P
12 Watt PFC Single Output
RACD20 RECOM-RACD20 Datasheet
86Kb / 2P
20 Watt PFC Single Output
RACD60 RECOM-RACD60_11 Datasheet
148Kb / 4P
60 Watt PFC Single Output
RACD60_1104 RECOM-RACD60_1104 Datasheet
153Kb / 4P
60 Watt PFC Single Output
RACD20-350 RECOM-RACD20-350 Datasheet
134Kb / 2P
20 Watt PFC Single Output
RACD25-A RECOM-RACD25-A Datasheet
106Kb / 2P
25 Watt PFC Single Output
RACD35-A RECOM-RACD35-A Datasheet
114Kb / 2P
35 Watt PFC Single Output
RACD45-A RECOM-RACD45-A Datasheet
97Kb / 2P
45 Watt PFC Single Output
RACD60-A RECOM-RACD60-A Datasheet
98Kb / 2P
60 Watt PFC Single Output
RP60-G RECOM-RP60-G Datasheet
458Kb / 8P
60 Watt Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com