Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI1141 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI1141
Description  PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1141 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI1141 Datasheet HTML 1Page - Silicon Laboratories SI1141 Datasheet HTML 2Page - Silicon Laboratories SI1141 Datasheet HTML 3Page - Silicon Laboratories SI1141 Datasheet HTML 4Page - Silicon Laboratories SI1141 Datasheet HTML 5Page - Silicon Laboratories SI1141 Datasheet HTML 6Page - Silicon Laboratories SI1141 Datasheet HTML 7Page - Silicon Laboratories SI1141 Datasheet HTML 8Page - Silicon Laboratories SI1141 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
Si11 41/42/43
Preliminary Rev. 0.5
5
Table 3. Performance Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
IDD OFF Mode
Ioff
VDD < VDD_OFF (leakage from SCL,
SDA, and INT not included)
240
1000
nA
IDD Standby Mode
Isb
No ALS / PS Conversions
No I2C Activity
after t > TBD µs, VDD =1.8 V
150
500
nA
IDD Standby Mode
Isb
No ALS / PS Conversions
No I2C Activity
after t > TBD µs, VDD =3.3 V
—1.83
µA
IDD Actively Measuring
Iactive
Without LED influence, VDD = 3.3 V
4.3
5.2
mA
Peak IDD while LED1,
LED2, or LED3 is Actively
Driven
VDD =3.3 V
8
mA
LED1, LED2, LED3,
Saturation Voltage2
1.8< VDD<2.4, ILEDx<100 mA
1.8<VDD<2.4, ILEDx< 200 mA
2.4<VDD<3.6, ILEDx<200 mA
2.4<VDD<3.6, ILEDx<359 mA
0.3
0.5
0.3
0.5
V
LED1, LED2, LED3
Pulse Width
tPS
—25.6
30
µs
LED1, LED2, LED3
Leakage Current
VDD =3.3 V, VLEDx<3.0, no strobe
VDD = 3.3 V, 3.0<VLEDx< 5.0, no strobe
.01
1.0
5.0
5.0
µA
Notes:
1. Unless specifically stated in "Conditions", electrical data assumes ambient light levels < 1 klx.
2. Proximity-detection performance may be degraded, especially when there is high optical crosstalk, if the LED supply
and voltage drop allow the driver to saturate and current regulation is lost.
3. Represents the time during which the device is drawing a current equal to Iactive for power estimation purposes.
Assumes default settings.
4. Applies to single 25.6 µs pulse measurement. By increasing irLED pulse width, 0.001 µW/cm2 under low light is
possible.
5. ALS Sensitivity under low light conditions can be improved by increasing ADC integration time. 10 mlx resolution
possible under the highest ADC integration time setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com