Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L101F1T6 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM8L101F1T6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1T6 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM8L101F1T6 Datasheet HTML 73Page - STMicroelectronics STM8L101F1T6 Datasheet HTML 74Page - STMicroelectronics STM8L101F1T6 Datasheet HTML 75Page - STMicroelectronics STM8L101F1T6 Datasheet HTML 76Page - STMicroelectronics STM8L101F1T6 Datasheet HTML 77Page - STMicroelectronics STM8L101F1T6 Datasheet HTML 78Page - STMicroelectronics STM8L101F1T6 Datasheet HTML 79Page - STMicroelectronics STM8L101F1T6 Datasheet HTML 80Page - STMicroelectronics STM8L101F1T6 Datasheet HTML 81Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 77 / 81 page
background image
STM8L101xx
Revision history
Doc ID 15275 Rev 11
77/81
12-Jun-2009
6
Removed TSSOP28 package
Modified consumption value on first page
Added BEEP_CSR (address 00 50F3h) in Table 7: General
hardware register map on page 25
TIM2_PSCRL replaced with TIM2_PSCR and CLK_PCKEN
replaced with CLK_PCKENR in Table 7: General hardware register
map on page 25
Added graphs in Section 9: Electrical parameters on page 37
Added tWU(AH) and tWU(Halt) max values in Table 20: Total current
consumption and timing in Halt and Active-halt mode at VDD = 1.65
V to 3.6 V on page 44
Modified Table 20: Total current consumption and timing in Halt and
Active-halt mode at VDD = 1.65 V to 3.6 V on page 44
Updated Table 22: HSI oscillator characteristics on page 46,
Table 23: LSI oscillator characteristics on page 47 and Table 24:
RAM and hardware registers on page 49
Modified Table 27: Output driving current (standard ports) on
page 53
Removed note 1 in Table 37: Electrical sensitivities on page 64
Added note to Table 39: UFQFPN32 - 32-lead ultra thin fine pitch
quad flat no-lead package (5 x 5), package mechanical data on
page 67 and
Table 41: UFQFPN28 - 28-lead ultra thin fine pitch quad flat no-lead
package (4 x 4), package mechanical data on page 70
Table 44.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com