Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F35W60C3 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # F35W60C3
Description  Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

F35W60C3 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  F35W60C3 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd F35W60C3 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.
(MOSFET〈2010.
06〉)
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
■特性図 CHARACTERI
STI
C DI
AGRAMS
出力特性
Typical Output Characteristics
Tc=25℃
TYP
10V
10V
10V
8V
8V
8V
6V
6V
6V
5V
5V
5V
V
VGGSS=4V
=4V
VGS=4V
Pulse measurement
伝達特性
Transfer Characteristics
05
10
20
15
VDS=20V
TYP
Tc=−55
Tc=−55℃
℃
25
25℃
℃
Tc=−55℃
25℃
Pulse measurement
150
 150℃
℃
150℃
100
 100℃
℃
100℃
ドレイン・ソース間オン抵抗─ドレイン電流
Static Drain-Source On-static Resistance vs Drain Current
ドレイン・ソース間オン抵抗─ケース温度
Static Drain-Source On-static Resistance vs Case Temperature
1
2
0.
01
10
5
0.
2
0.
1
0.
05
0.
02
0.
5
0.
1 0.
2
0.
5
2
10 20
5070
5
1
VGS=10V
Tc=25℃
TYP
Pulse measurement
10
0.
001
0.
1
1
0.
01
−55
0
100
150
50
−55
0
100
150
50
VGS=10V
Pulse test
TYP
Pulse measurement
IIDD==117.
7.5
5A
A
ID=17.5A
ゲートしきい値電圧─ケース温度
Gate Threshold Voltage vs Case
Temperature
5
0
4
3
2
1
VDS=10V
ID=2mA
TYP
Pulse measurement
安全動作領域
Safe Operating Area
Ciss
Ciss
Ciss
Coss
Coss
Coss
Crss
Crss
Crss
10
105
70
35
0.
1
1
10
0
600
100
Tc=25℃
Single pulse
RRDS
DS(
(on
on)
)
Restricted space
Restricted space
RDS(on)
Restricted space
DC
DC
DC
10ms
10ms
10ms
1ms
1ms
1ms
200μs
200μs
200μs
100μs
100μs
100μs
10μs
10μs
10μs
過渡熱抵抗
Transient Thermal Impedance
Time t〔s〕
キャパシタンス特性
Capacitance Characteristics
f=1MHz
Tc=25℃
TYP
0
20
80
100
40
60
0
100
60
80
40
20
全損失減少率─ケース温度
Power Derating - Case Temperature
0
25
50
75
125
150
100
VVGGSS
VGS
VVDS
DS
VDS
0
15
20
10
5
ゲートチャージ特性
0
400
500
300
200
100
Gate Charge Characteristics
0
60
120
240
300
180
ID=35A
TYP
VVDD
DD
==400
400V
V
200
200V
V
100
100V
V
VDD=400V
200V
100V
Drain Source Voltage VDS〔V〕
Gate Source Voltage VGS〔V〕
Drain Current ID〔A〕
Case Temperature Tc〔℃〕
Case Temperature Tc〔℃〕
Drain Source Voltage VDS〔V〕
Drain Source Voltage VDS〔V〕
Case Temperature Tc〔℃〕
Total Gate Charge Qg〔nC〕
θ
θjcjc
θjc
10-4
10-5
10-3
10-2
10-1
100
102
101
10
0.001
0.01
1
0.1
70
50
60
0
40
20
30
10
70
50
60
0
40
20
30
10
05
10
20
15
100000
10000
1000
1
100
10
F35W60C3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com