Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VRYA6 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # VRYA6
Description  Varistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

VRYA6 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  VRYA6_10 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd VRYA6_10 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■外形寸法図 OUTLINE DIMENSIONS
外形図については新電元 Web サイト又は〈半導体製品一覧表〉をご参照
下さい。捺印表示については捺印仕様をご確認下さい。
For details of outline dimensions, refer to our web site or the
Semiconductor Short Form Catalog. As for the marking, refer to
the specification “Marking,Terminal Connection.”
■定格表 RATINGS
www.shindengen.co.jp/product/semi/
72 (U181)
VRYA6
●絶対最大定格 Absolute Maximum Ratings(指定のない場合 T1=25℃/unless otherwise specified)
項  目
Item
記号
Symbol
条件
Conditions
規格値
Ratings
単位
Unit
保存温度
Storage Temperature
Tstg
-30~125
℃
接合部温度
Junction Temperature
Tj
125
℃
出力電流
Average Rectified Forward Current
Io
Ta=40℃
正弦波
Sine wave
抵抗負荷
R ‐ load
商用周波数
Commercial fre-
quency
アルミナ基板実装
On alumina substrate
1 回路通電
1 element operation
310
mArms
2 回路通電
2 elements operation
200
プリント基板実装
On glass ‐ epoxy
substrate
1 回路通電
1 element operation
200
2 回路通電
2 elements operation
130
せん頭サージ順電流
Peak Surge Forward Current
IFSM
50Hz 正弦波
50Hz Sine wave
非繰り返し
Non-repetitive
2 回路直列通電
2 elements series
operation
8
Arms
10/200 μ s
65
A
10/1000 μ s
30
●電気的・熱的特性 Tl=25℃ Electrical Characteristics Tl=25℃(指定のない場合 T1=25℃/unless otherwise specified)
順電圧
Forward Voltage
VF
IF=1mA
1 回路
1 element
2.05~2.55
V
2 回路直列
2 elements series
4.1~5.1
IF=10mA
1 回路
1 element
2.5~3.0
2 回路直列
2 elements series
5.0~6.0
IF=70mA
1 回路
1 element
2.85~3.35
2 回路直列
2 elements series
5.7~6.6
接合容量
Junction Capacitance
Cj
f=100kHz VD=0V OSC=50mVrms
TYP 13
pF
熱抵抗
Thermal Resistance
θ ja
接合部 ・ 周囲間
Junction to ambient
アルミナ基板実装
On alumina substrate
1 回路通電
1 element operation
MAX 90
℃ /W
2 回路通電
2 elements operation
MAX 150
プリント基板実装
On glass ‐ epoxy
substrate
1 回路通電
1 element operation
MAX 150
2 回路通電
2 elements operation
MAX 250
5±0.2
8MAX
1.1±0.2
1.1±0.2
5±0.2
品名略号
ロット記号(例)
6.6
1.8
ソルダリングパッドの参考パターン
1.8
単位:mm
Package : 1Y
面実装品(SMD)
バリスタ
Varistor
6V


Similar Part No. - VRYA6_10

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
Varistor
More results

Similar Description - VRYA6_10

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
Varistor
VR61F1 SHINDENGEN-VR61F1 Datasheet
282Kb / 6P
Varistor
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
Varistor
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
Varistor
logo
Ceramate Technical
GNR07DK CERAMATE-GNR07DK Datasheet
61Kb / 5P
VARISTOR
GNR10D CERAMATE-GNR10D Datasheet
63Kb / 5P
VARISTOR
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
VARISTOR
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
VARISTOR
logo
Shindengen Electric Mfg...
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
Varistor
VRYA15 SHINDENGEN-VRYA15_10 Datasheet
580Kb / 2P
Varistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com