Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DVRN6056 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DVRN6056
Description  VOLTAGE REFERENCE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DVRN6056 Datasheet(HTML) 1 Page - Diodes Incorporated

  DVRN6056 Datasheet HTML 1Page - Diodes Incorporated DVRN6056 Datasheet HTML 2Page - Diodes Incorporated DVRN6056 Datasheet HTML 3Page - Diodes Incorporated DVRN6056 Datasheet HTML 4Page - Diodes Incorporated DVRN6056 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DVRN6056
Document number: DS30556 Rev. 5 - 2
1 of 5
www.diodes.com
March 2010
© Diodes Incorporated
DVRN6056
VOLTAGE REFERENCE ARRAY
Features
•
Epitaxial Planar Die Construction
•
Ideally Suited for Automated Assembly Processes
•
Lead Free/RoHS Compliant Version (Notes 2 & 3)
•
“Green” Device (Note 3)
Mechanical Data
•
Case: SOT-26
•
Case Material: Molded Plastic, “Green” Molding Compound
(Note 3) UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram
•
Terminals: Matte Tin Finish annealed over Copper leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 4
•
Ordering Information: See Page 4
•
Weight: 0.008 grams (approximate)
Maximum Ratings, NPN Transistor Element (Q1) @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current - Continuous
(Note 1)
IC
600
mA
Maximum Ratings, Zener Element (Z1) @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 1)
PD
300
mW
Thermal Resistance, Junction to Ambient
(Note 1)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Product manufactured with date code WN (Week 45, 2009) and newer are built with Green Molding Compound and Lead-free plating. Product
manufactured prior to date code WO are built with Tin-Lead plating, Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Top View
Device Schematic
A
1
E
1
K
1
NC
C
1
B
1
Q1
Z1


Similar Part No. - DVRN6056

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DVRN6056 DIODES-DVRN6056 Datasheet
91Kb / 5P
VOLTAGE REFERENCE ARRAY
DS30556 Rev. 2 - 1
DVRN6056-7 DIODES-DVRN6056-7 Datasheet
91Kb / 5P
VOLTAGE REFERENCE ARRAY
DS30556 Rev. 2 - 1
More results

Similar Description - DVRN6056

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DVRN6056 DIODES-DVRN6056 Datasheet
91Kb / 5P
VOLTAGE REFERENCE ARRAY
DS30556 Rev. 2 - 1
logo
STMicroelectronics
AN2141 STMICROELECTRONICS-AN2141 Datasheet
310Kb / 18P
LED array reference design board
22-Jan-2008
logo
Silicon Supplies
LM4040A-2.5 SS-LM4040A-2.5 Datasheet
441Kb / 4P
Voltage Reference
LM4040A-4.1 SS-LM4040A-4.1_V01 Datasheet
332Kb / 4P
Voltage Reference
Rev 1.2 02/11/21
LM4040A-1.2 SS-LM4040A-1.2_V01 Datasheet
594Kb / 4P
Voltage Reference
Rev 1.1 28/07/22
LM4040A-4.1 SS-LM4040A-4.1_V02 Datasheet
595Kb / 4P
Voltage Reference
Rev 1.3 28/07/22
LM4040C-1.2 SS-LM4040C-1.2 Datasheet
594Kb / 4P
Voltage Reference
Rev 1.1 28/07/22
LM4040C-2.5 SS-LM4040C-2.5 Datasheet
595Kb / 4P
Voltage Reference
Rev 1.1 29/07/22
LM4040A-10 SS-LM4040A-10 Datasheet
421Kb / 4P
Voltage Reference
Rev 1.0 26/10/23
LM4040C-10 SS-LM4040C-10 Datasheet
421Kb / 4P
Voltage Reference
Rev 1.0 26/10/23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com