Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMDT3946LP4-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MMDT3946LP4-7
Description  COMPLEMENTARY NPN / PNP SURFACE MOUNT TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT3946LP4-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  MMDT3946LP4-7 Datasheet HTML 1Page - Diodes Incorporated MMDT3946LP4-7 Datasheet HTML 2Page - Diodes Incorporated MMDT3946LP4-7 Datasheet HTML 3Page - Diodes Incorporated MMDT3946LP4-7 Datasheet HTML 4Page - Diodes Incorporated MMDT3946LP4-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1
10
1,000
100
0.1
1
10
1,000
100
I , COLLECTOR CURRENT (mA)
Fig. 7, Typical DC Current Gain vs
Collector Current (PNP-3906)
C
T = -25°C
A
T = +25°C
A
T = 125°C
A
V
= 1.0V
CE
0.01
0.1
10
1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 8, Typical Collector-Emitter Saturation Voltage
vs. Collector Current (PNP-3906)
C
I
I
C
B
= 10
I , COLLECTOR CURRENT (mA)
Fig. 9, Typical Base-Emitter Saturation Voltage
vs. Collector Current (PNP-3906)
C
I
I
C
B
= 10
Ordering Information (Note 6)
Device
Packaging
Shipping
MMDT3946LP4-7
DFN1310H4-6
3000/Tape & Reel
Notes:
6.
For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
46
46= Product Type Marking Code
DS30822 Rev. 4 - 2
4 of 5
www.diodes.com
MMDT3946LP
© Diodes Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com