Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ES1B Datasheet(PDF) 2 Page - Diotech Company.

Part # ES1B
Description  SURFACE MOUNT SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

ES1B Datasheet(HTML) 2 Page - Diotech Company.

  ES1B Datasheet HTML 1Page - Diotech Company. ES1B Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ES1A THRU ES1J
RATINGS AND CHARACTERISTIC CURVES
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
Pulse width= 300 s
j
°
µ
10
20
30
0
1
10
100
NUMBER OF CYCLES AT 60Hz
Pulse width
8.3 ms single half-sine-wave
(JEDEC method)
50V DC
Approx
50 NI (Non-inductive)
10 NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
trr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time= 7.0ns max. Input Impedance= 1.0M , 22pF.
2. Rise Time= 10ns max. Input Impedance= 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f= 1.0MHz
j
°
0
0.25
0.50
0.75
1.00
0
25
50
75
100
125
150
175
T ,
TEMPERATURE
( C)
Fig. 1 Forward Current Derating Curve
L
°
Single phase half wave
Resistive or Inductive load
- ES1D
- ES1G
ES1J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com