Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN2040LSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN2040LSD
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2040LSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN2040LSD Datasheet HTML 1Page - Diodes Incorporated DMN2040LSD Datasheet HTML 2Page - Diodes Incorporated DMN2040LSD Datasheet HTML 3Page - Diodes Incorporated DMN2040LSD Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DMN2040LSD
Document number: DS31517 Rev. 4 - 2
1 of 4
www.diodes.com
November 2008
© Diodes Incorporated
DMN2040LSD
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Features
•
Dual N-Channel MOSFET
•
Low On-Resistance
•
26m
Ω @ VGS = 4.5V
•
36m
Ω @ VGS = 2.5V
•
Low Gate Threshold Voltage
•
Low Input Capacitance
•
Fast Switching Speed
•
Low Input/Output Leakage
•
Lead Free By Design/RoHS Compliant (Note 2)
•
"Green" Device (Note 4)
•
Qualified to AEC-Q 101 Standards for High Reliability
Mechanical Data
•
Case: SOP-8L
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals Connections: See Diagram
•
Terminals: Finish - Matte Tin annealed over Copper lead
frame. Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 4
•
Ordering Information: See Page 4
•
Weight: 0.072 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Note 1)
Steady
State
TA = 25°C
TA = 70°C
ID
7.0
5.6
A
Pulsed Drain Current (Note 3)
IDM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 1)
PD
2
W
Thermal Resistance, Junction to Ambient
RθJA
62.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
20
⎯
⎯
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
1
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±100
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
0.6
⎯
1.2
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
19
26
26
36
m
Ω
VGS = 4.5V, ID = 6.0A
VGS = 2.5V, ID = 5.2A
Forward Transfer Admittance
gfs
⎯
12
⎯
ms
VDS = 10V, ID = 6.0A
Diode Forward Voltage (Note 5)
VSD
0.5
⎯
1.2
V
VGS = 0V, IS = 1.7A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
562
⎯
pF
VDS = 10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯
75
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
65
⎯
pF
Notes:
1. Device mounted on 2 oz. Copper pads on FR-4 PCB.
2. No purposefully added lead.
3. Pulse width
≤10μS, Duty Cycle ≤1%.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Short duration pulse test used to minimize self-heating effect.
SOP-8L
TOP VIEW
Internal Schematic
TOP VIEW
S1
D2
S2
D1
G2
G1
D1
D2
D
2
S
2
G
2
D
1
S
1
G
1
N-Channel MOSFET
N-Channel MOSFET
Please click here to visit our online spice models database.


Similar Part No. - DMN2040LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2040LTS DIODES-DMN2040LTS Datasheet
157Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS31941 Rev. 2 - 2
DMN2040LTS-13 DIODES-DMN2040LTS-13 Datasheet
157Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS31941 Rev. 2 - 2
DMN2040LTS DIODES-DMN2040LTS_15 Datasheet
157Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results

Similar Description - DMN2040LSD

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com