Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XMEGAD Datasheet(PDF) 3 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 3 Page - ATMEL Corporation

  XMEGAD Datasheet HTML 1Page - ATMEL Corporation XMEGAD Datasheet HTML 2Page - ATMEL Corporation XMEGAD Datasheet HTML 3Page - ATMEL Corporation XMEGAD Datasheet HTML 4Page - ATMEL Corporation XMEGAD Datasheet HTML 5Page - ATMEL Corporation XMEGAD Datasheet HTML 6Page - ATMEL Corporation XMEGAD Datasheet HTML 7Page - ATMEL Corporation XMEGAD Datasheet HTML 8Page - ATMEL Corporation XMEGAD Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 309 page
background image
3
8210B–AVR–04/10
XMEGA D
2.
Overview
The XMEGA D is a family of low power, high performance and peripheral rich CMOS 8/16-bit
microcontrollers based on the AVR enhanced RISC architecture. By executing powerful instruc-
tions in a single clock cycle, the XMEGA D achieves throughputs approaching 1 Million
Instructions Per Second (MIPS) per MHz allowing the system designer to optimize power con-
sumption versus processing speed.
The AVR CPU combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction, executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs many times faster than conven-
tional single-accumulator or CISC based microcontrollers.
The XMEGA D devices provide the following features: In-System Programmable Flash with
Read-While-Write capabilities, Internal EEPROM and SRAM, four-channel Event System and
Programmable Multi-level Interrupt Controller, up to 78 general purpose I/O lines, 16-bit Real
Time Counter (RTC), up to five flexible 16-bit Timer/Counters with compare modes and PWM,
up to four USARTs, one I
2C and SMBUS compatible Two Wire Serial Interface (TWI), up to two
Serial Peripheral Interfaces (SPIs), 16-channel, 12-bit ADC, with optional differential input and
programmable gain, two analog comparators with window mode, programmable Watchdog
Timer with separate Internal Oscillator, accurate internal oscillators with PLL and prescaler, and
programmable Brown-Out Detection.
The Program and Debug Interface (PDI), a fast 2-pin interface for programming and debugging,
is available.
The XMEGA D devices have five software selectable power saving modes. The Idle mode stops
the CPU while allowing the SRAM, Event System, Interrupt Controller and all peripherals to con-
tinue functioning. The Power-down mode saves the SRAM and register contents but stops the
oscillators, disabling all other functions until the next TWI- or pin-change interrupt, or Reset. In
Power-save mode, the asynchronous Real Time Counter continues to run, allowing the applica-
tion to maintain a timer base while the rest of the device is sleeping. In Standby mode, the
Crystal/Resonator Oscillator is kept running while the rest of the device is sleeping. This allows
very fast start-up from external crystal combined with low power consumption. In Extended
Standby mode, both the main Oscillator and the Asynchronous Timer continue to run. To further
reduce power consumption, the peripheral clock to each individual peripheral can optionally be
stopped in Active mode and Idle sleep mode.
The devices are manufactured using Atmel's high-density nonvolatile memory technology. The
program Flash memory can be reprogrammed in-system through the PDI. A Bootloader running
in the device can use any interface to download the application program to the Flash memory.
The Bootloader software in the Boot Flash section will continue to run while the Application
Flash section is updated, providing true Read-While-Write operation. By combining an 8/16-bit
RISC CPU with In-System Self-Programmable Flash, the Atmel XMEGA D is a powerful micro-
controller family that provides a highly flexible and cost effective solution for many embedded
applications.
The XMEGA D devices are supported with a full suite of program and system development tools
including: C compilers, macro assemblers, program debugger/simulators, programmers, and
evaluation kits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com