Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN2041L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2041L
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2041L Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2041L Datasheet HTML 1Page - Diodes Incorporated DMN2041L Datasheet HTML 2Page - Diodes Incorporated DMN2041L Datasheet HTML 3Page - Diodes Incorporated DMN2041L Datasheet HTML 4Page - Diodes Incorporated DMN2041L Datasheet HTML 5Page - Diodes Incorporated DMN2041L Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN2041L
Document number: DS31962 Rev. 1 - 2
2 of 6
www.diodes.com
September 2009
© Diodes Incorporated
DMN2041L
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = 25°C
IDSS
-
-
1.0
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
0.5
-
1.2
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
20
26
28
41
mΩ
VGS = 4.5V, ID = 6.0A
VGS = 2.5V, ID = 5.2A
Forward Transfer Admittance
|Yfs|
-
6
-
S
VDS = 10V, ID = 6A
Diode Forward Voltage
VSD
-
0.7
1.2
V
VGS = 0V, IS = 1.7A
DYNAMIC CHARACTERISTICS (Note 6)
Input Capacitance
Ciss
-
550
-
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
88
-
Reverse Transfer Capacitance
Crss
-
81
-
Gate Resistance
Rg
-
1.34
-
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (10V)
Qg
-
15.6
-
nC
VGS = 10V, VDS = 10V, ID = 6A
Total Gate Charge (4.5V)
Qg
-
7.2
-
nC
VGS = 4.5V, VDS = 10V, ID = 6A
Gate-Source Charge
Qgs
-
1.0
-
Gate-Drain Charge
Qgd
-
1.9
-
Turn-On Delay Time
tD(on)
-
4.69
-
ns
VDD = 10V, VGEN = 4.5V,
RGEN = 1Ω, ID = 6.7A
Turn-On Rise Time
tr
-
13.19
-
Turn-Off Delay Time
tD(off)
-
22.10
-
Turn-Off Fall Time
tf
-
6.43
-
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Guaranteed by design. Not subject to production testing.
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Fig. 1 Typical Output Characteristic
V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
4
8
12
20
16
V
= 2.0V
GS
V
= 3.0V
GS
V
= 4.5V
GS
V
= 10V
GS
V
= 2.5V
GS
V
= 1.5V
GS
0
0.5
1
1.5
2
2.5
3
Fig. 2 Typical Transfer Characteristic
V
, GATE-SOURCE VOLTAGE (V)
GS
0
4
8
12
16
20
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 5V
DS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com