Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS21C Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BAS21C
Description  SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS21C Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BAS21C Datasheet HTML 1Page - Pan Jit International Inc. BAS21C Datasheet HTML 2Page - Pan Jit International Inc. BAS21C Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
REV.0.1-FEB.11.2009
100
1000
01.0
2.0
10
1.0
0.1
0.01
6.0
0
4.5
3.0
1.5
0
24
6
8
T=25 C
J
O
0
200
300
400
500
100
50
100
150
200
AMBIENT TEMPERATURE( C)
O
FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLTS
0
T , JUNCTION TEMPERATURE, C
J
O
0.01
0.1
1.0
10
100
100
200
Fig.2 LEAKAGE CURRENT vs JUNCTION TEMPERATURE
FIG. 1-TYPICAL FORWARD CHARACTERISTIC
FIG. 4 POWER DERATING CURVE
FIG. 3 TYPICAL JUNCTION CAPACITANCE
ELECTRICAL CHARACTERISTICS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Sn
o
it
i
d
n
o
C
t
s
e
T.
N
I
M.
P
Y
T.
X
A
Ms
t
i
n
U
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV(BR)
IR
0
0
1
=uA
-
--
-0
5
2V
t
n
e
r
r
u
C
e
s
r
e
v
e
RI R
VR
0
0
2
=V
VR
0
0
2
=,
VTJ =0
5
1
OC
-
--
-
1
.
0
0
0
1
A
u
e
g
a
tl
o
V
d
r
a
w
r
o
FVF
IF
0
.
1
=mA
IF
0
0
1
=mA
-
--
-
0
7
.
0
0
0
.
1
V
e
c
n
a
t
i
c
a
p
a
C
n
o
it
c
n
u
J
m
u
m
i
x
a
MCJ
VR
,
V
0
=f
H
M
0
.
1
=
Z
-
--
-0
.
5F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
TIF I
= R
0
3
=m ,
ARL
0
0
1
=
Ω
-
--
-0
5s
n
ELECTRICAL CHARACTERISTICS CURVES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com