Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBD770WS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MMBD770WS
Description  SURFACE MOUNT SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD770WS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MMBD770WS Datasheet HTML 1Page - Pan Jit International Inc. MMBD770WS Datasheet HTML 2Page - Pan Jit International Inc. MMBD770WS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
CHARACTERISTIC CURVES
0.01
0.1
1
10
100
0
20
40
60
80
Reverse Voltage, V
R (V)
TJ= 75 °C
TJ = 125 °C
T
J = 25 °C
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
Forward Voltage, V
F (V)
T
J= 75 °C
T
J = 25 °C
T
J = 125 °C
T
J = -25 °C
Fig. 1. Typical Reverse Leakage
Fig. 2.
Typical Forward Voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
10
20
30
40
50
60
VR, Reverse Voltage (V)
Fig. 3.
Typical Total Capacitance
REV.0.1-FEB.23.2009



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com