Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMDT2222AT/R7 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MMDT2222AT/R7
Description  DUAL SURFACE MOUNT NPN TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMDT2222AT/R7 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MMDT2222AT/R7 Datasheet HTML 1Page - Pan Jit International Inc. MMDT2222AT/R7 Datasheet HTML 2Page - Pan Jit International Inc. MMDT2222AT/R7 Datasheet HTML 3Page - Pan Jit International Inc. MMDT2222AT/R7 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
V = 30V, I =150mA
V (off) = -0.5V, I = 15mA
-
I = 10uA
www.panjit.com
1/
14/2009
Page 2
ELECTRICAL CHARACTERISTICS (Each Transistor) T = 25°C Unless otherwise noted
J
C
Parameter
Symbol
Min
Units
Collector-Emitter Breakdown Voltage
Conditions
Typ
Max
V(BR)CEO
40
-
-
V
C
75
-
-
V
Note 2. Short duration test pulse used to minimize self-heating
(BR)CBO
V
Collector-Base Breakdown Voltage
I = 10mA
I = 10uA
E
Emitter-Base Breakdown Voltage
(BR)EBO
V
V = 60V, V = 3.0V
EB
CE
ICEX
Collector Cutoff Current
6.0
-
-
V
-
-
10
nA
Base Cutoff Current
IBL
DC Current Gain (Note 2)
h FE
-
-
20
nA
-
-
0.3
V
-
-
1.0
V
35
-
-
Collector-Emitter Saturation
Voltage (Note 2)
CE(SAT)
V
I = 150mA, I = 15mA
CB
I = 500mA, I = 50mA
CB
Base-Emitter Saturation Voltage
(Note 2)
BE(SAT)
V
0.6
-
1.2
V
-
-
2.0
Gain-Bandwidth Product
T
f
300
-
-
MHz
Collector-Base Capacitance
CBO
C
-
-
8.0
pF
CB
V = 10V, f =1.0MHz
V = 20V, I = 20mA
f = 100MHz
Emitter-Base Capacitance
EBO
C-
-
25
pF
EB
V = 0.5V, f =1.0MHz
MMDT2222A
50
-
-
75
-
-
50
-
-
-
100
-
300
I = 0.1mA, V = 10V
CE
C
Delay Time
d
t-
-
10
ns
CC
Rise Time
r
t-
-
25
ns
Storage Time
s
t
-
-
225
ns
Fall Time
f
t
-
60
ns
V = 60V, V = 3.0V
EB
CE
I = 1.0mA, V = 10V
CE
C
I = 10mA, V = 10V
CE
C
I =10mA, V =10V, T =-55C
CE
C
I = 150mA, V = 10V
CE
C
I = 150mA, I = 15mA
CB
I = 500mA, I = 50mA
CB
C
CE
BE
C
B1
V = 30V, I =150mA
I = I = 15mA
CC
C
B2
B1
40
-
-
I = 500mA, V = 10V
CE
C
35
-
-
I = 150mA, V = 1.0V
CE
C
J



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com