Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD1020CS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SD1020CS
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD1020CS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SD1020CS_09 Datasheet HTML 1Page - Pan Jit International Inc. SD1020CS_09 Datasheet HTML 2Page - Pan Jit International Inc. SD1020CS_09 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-APR.27.2009
2
SD1020CS~SD1060CS
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE,
C
O
0
50
100
150
25.0
20.0
15.0
10.0
5.0
0
NO. OF CYCLE AT 60Hz
Fig.4- MAXIMUM NON-REPETITIVEPEAK
FORWARD SURGE CURRENT
1
10
100
0
20
40
60
80
100
120
=20-40V
=50-60V
Fig.3- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHRACTERISTIC
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHRACTERISTIC
0.2
0.1
1.0
100
10
0.4
0.6
0.8
1.0
FORWARD VOLTAGE, VOLTS
20-40V
50-60V
T=25 C
A
O
020406080
100
10
1.0
0.1
0.01
.001
T= 100 C
O
T= 75 C
O
T= 25 C
J
J
J
O
V
=20-40V
V
=50-60V
RRM
RRM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com