Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZRC400 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZRC400
Description  PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZRC400 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZRC400 Datasheet HTML 1Page - Diodes Incorporated ZRC400 Datasheet HTML 2Page - Diodes Incorporated ZRC400 Datasheet HTML 3Page - Diodes Incorporated ZRC400 Datasheet HTML 4Page - Diodes Incorporated ZRC400 Datasheet HTML 5Page - Diodes Incorporated ZRC400 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZRC400
ZRC400
Document number: DS32164 Rev. 5 - 2
2 of 6
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltages to GND Unless Otherwise Stated)
Parameter
Rating
Unit
Reverse Current
25
mA
Forward Current
25
mA
Operating Temperature
-40 to 85
°C
Storage Temperature
-55 to 125
°C
Power Dissipation (TAMB = 25°C)
SOT23
330
mW
Electrical Characteristics (Test conditions: Tamb = 25°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Tol. (%)
Unit
VR
Reverse breakdown voltage
IR = 150µA
4.055
4.096
4.137
1
V
IMIN
Minimum operating current
18
23
µA
IR
Recommended operating current
0.023
5
mA
TC
(*)
Average reverse breakdown voltage
temperature coefficient
IR(MIN) to
IR(MAX)
30
90
ppm/°C
RS
(†)
Slope resistance
0.4
2
Ω
ZR
Reverse dynamic impedance
IR = 1mA
f = 100Hz
IAC = 0.1IR
0.3
0.8
Ω
EN
Wideband noise voltage
IR = 150µA
f = 10Hz to
10kHz
90
µV(rms)
Notes:
Note: VR(MAX) - VR(MIN) is the maximum deviation in reference
voltage measured over the full operating temperature range.
.
(*)
TC =
(VR(MAX) – VR(MIN)) x 1000000
VR x (T(MAX) – T(MIN))
(†)
RS =
VR Change (IR(MIN) to IR(MAX))
IR(MAX) – IR(MIN))



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com