Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8533E Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8533E
Description  MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533E Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8533E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8533E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8533E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8533E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8533E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8533E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8533E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8533E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8533E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
© 2010 Freescale Semiconductor, Inc.
Freescale Semiconductor
Technical Data
1
MPC8533E Overview
This section provides a high-level overview of MPC8533E
features. Figure 1 shows the major functional units within
the device.
1.1
Key Features
The following list provides an overview of the device feature
set:
•
High-performance, 32-bit core enhanced by
resources for embedded cores defined by the Power
ISA, and built on Power Architecture® technology:
— 32-Kbyte L1 instruction cache and 32-Kbyte L1
data cache with parity protection. Caches can be
locked entirely or on a per-line basis, with
separate locking for instructions and data.
— Signal-processing engine (SPE) APU (auxiliary
processing unit). Provides an extensive
instruction set for vector (64-bit) integer and
fractional operations. These instructions use both
the upper and lower words of the 64-bit GPRs as
they are defined by the SPE APU.
Document Number: MPC8533EEC
Rev. 5, 01/2011
Contents
1. MPC8533E Overview . . . . . . . . . . . . . . . . . . . . . . . . . .1
2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . .8
3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . .13
4. Input Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13
5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . .16
6. DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . . .16
7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
8. Enhanced Three-Speed Ethernet (eTSEC),
MII Management . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
9. Ethernet Management Interface Electrical
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .37
10. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .39
11. Programmable Interrupt Controller . . . . . . . . . . . . . .50
12. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .51
13. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .53
14. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .55
15. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .56
16. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . .58
17. PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .68
18. Package Description . . . . . . . . . . . . . . . . . . . . . . . . . .76
19. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .88
20. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .91
21. System Design Information . . . . . . . . . . . . . . . . . . .100
22. Device Nomenclature . . . . . . . . . . . . . . . . . . . . . . . .109
23. Document Revision History . . . . . . . . . . . . . . . . . . . 111
MPC8533E PowerQUICC III
Integrated Processor
Hardware Specifications


Similar Part No. - MPC8533E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 112P
Integrated Processor Hardware Specifications
MPC8533ECHXAAFB FREESCALE-MPC8533ECHXAAFB Datasheet
1Mb / 116P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533ECHXAAGB FREESCALE-MPC8533ECHXAAGB Datasheet
1Mb / 116P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533ECHXAAJB FREESCALE-MPC8533ECHXAAJB Datasheet
1Mb / 116P
PowerQUICC??III Integrated Processor Hardware Specifications
More results

Similar Description - MPC8533E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
PowerQUICC III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
MPC8533EEC NXP-MPC8533EEC Datasheet
1Mb / 112P
MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 8, 09/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com