Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXCT1032 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXCT1032
Description  High-side inrush controller and electronic fuse
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1032 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXCT1032 Datasheet HTML 1Page - Diodes Incorporated ZXCT1032 Datasheet HTML 2Page - Diodes Incorporated ZXCT1032 Datasheet HTML 3Page - Diodes Incorporated ZXCT1032 Datasheet HTML 4Page - Diodes Incorporated ZXCT1032 Datasheet HTML 5Page - Diodes Incorporated ZXCT1032 Datasheet HTML 6Page - Diodes Incorporated ZXCT1032 Datasheet HTML 7Page - Diodes Incorporated ZXCT1032 Datasheet HTML 8Page - Diodes Incorporated ZXCT1032 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ZXCT1032
Issue 4 - June 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Typical characteristics
(TA = 25°C and VIN+ = 20V unless otherwise stated)
Quiescent current vs temperature
0.00
0.30
0.60
0.90
-40
-15
10
35
60
85
Temperature (C)
Quiescent current vs input voltage
0.77
0.78
0.79
0.80
9
11
13
15
17
19
21
Input voltage
VISET vs temperature
2.00
2.05
2.10
2.15
2.20
-40
-15
10
35
60
85
Temperature (°C)
VIN+ = 9.5 to 21V
VISET vs input voltage
2.099
2.100
2.101
9
10
11
12
13
14
15
16
17
18
19
20
21
Input voltage (V)
TA = 25°C
IIN- vs input voltage
0
5
10
15
20
25
30
35
40
9
11
13
15
17
19
21
Input voltage (V)
TA = 25°C
IIN- vs temperature
0
5
10
15
20
25
30
35
40
45
50
-40
-15
10
35
60
85
Temperature (°C)
VIN+=9.5V
VIN+=20V
VIN+=21V
VIN+= 9.5 to 21V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com