Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LC651204L Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC651204L
Description  4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651204L Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC651204L Datasheet HTML 9Page - Sanyo Semicon Device LC651204L Datasheet HTML 10Page - Sanyo Semicon Device LC651204L Datasheet HTML 11Page - Sanyo Semicon Device LC651204L Datasheet HTML 12Page - Sanyo Semicon Device LC651204L Datasheet HTML 13Page - Sanyo Semicon Device LC651204L Datasheet HTML 14Page - Sanyo Semicon Device LC651204L Datasheet HTML 15Page - Sanyo Semicon Device LC651204L Datasheet HTML 16Page - Sanyo Semicon Device LC651204L Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Electrical Characteristics at Ta = –40 to +85°C, VSS = 0 V, VDD = 3.0 to 5.5 V (unless otherwise specified)
No. 5190-13/35
LC651204N/F/L, LC651202N/F/L
Parameter
Symbol
Conditions
Applicable pins/notes
Ratings
min
typ
max
Unit
Output n-channel transistor off
Ports C, D, E, and F
IIH (1)
(Includes the n-channel transistor off leakage current.)
with open-drain
5.0
µA
VIN = 13.5 V
specifications
Input high-level current
Output n-channel transistor off
Ports A and G with
IIH (2)
(Includes the n-channel transistor off leakage current.)
open-drain
1.0
µA
VIN = VDD
specifications
IIH (3)
External clock mode, VIN = VDD
OSC1
1.0
µA
I
IL (1)
Output n-channel transistor off
Ports with open-drain
–1.0
µA
VIN = VSS
specifications
Input low-level current
I
IL (2)
Output n-channel transistor off
Ports with pull-up
–1.3
–0.35
mA
VIN = VSS
resistor specifications
IIL (3)
VIN = VSS
RES
–45
–10
µA
IIL (4)
External clock mode, VIN = VSS
OSC1
–1.0
µA
V
OH (1)
IOH = –50 µA
Ports with pull-up
V
DD –1.2
V
Output high-level voltage
VDD = 4.0 to 5.5 V
resistor specifications
V
OH (2)
IOH = –10 µA
Ports with pull-up
V
DD –0.5
V
VDD = 3.0 to 5.5 V
resistor specifications
VOL (1)
IOL = 10 mA, VDD = 4.0 to 5.5 V
Port
1.5
V
Output low-level voltage
V
OL (2)
IOL = 1 mA, with the IOL for all ports no more than
Port
0.5
V
1 mA. VDD = 3.0 to 5.5 V
Hysteresis voltage
VHIS
RES, INT, SCK,
0.1 VDD
V
High-level threshold
V
tH
and SI OSC1 with
0.4 V
DD
0.8 V
DD
V
voltage
Schmitt specifications
Low-level threshold
V
tL
*4
0.2 V
DD
0.6 V
DD
V
voltage
Operating, output n-channel transistors off,
Current drain
IDDOP (1)
Ports = VDD
VDD
1.5
5
mA
Figure 2, 4 MHz, divide-by-three circuit
Ceramic oscillator
IDDOP (2)
Figure 2, 4 MHz, divide-by-four circuit
VDD
1.5
4
mA
IDDOP (3)
Figure 2, 800 kHz
VDD
1.5
4
mA
670 to 1444 kHz, no divider circuit
External clock
IDDOP (4)
2000 to 4330 kHz, divide-by-three circuit
VDD
1.5
5
mA
2600 to 4330 kHz, divide-by-four circuit
Standby mode
I
DDst
Output n-channel transistor off, VDD = 5.5 V
VDD
0.05
10
µA
Ports = VDD, VDD = 3 V
VDD
0.025
5
µA
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com