Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC1832MY Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC1832MY
Description  關P Supervisory Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1832MY Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC1832MY Datasheet HTML 1Page - Micrel Semiconductor MIC1832MY Datasheet HTML 2Page - Micrel Semiconductor MIC1832MY Datasheet HTML 3Page - Micrel Semiconductor MIC1832MY Datasheet HTML 4Page - Micrel Semiconductor MIC1832MY Datasheet HTML 5Page - Micrel Semiconductor MIC1832MY Datasheet HTML 6Page - Micrel Semiconductor MIC1832MY Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MIC1832
Micrel, Inc.
MIC1832
6
January 2006
Applications Information
Power Monitor
The /RST and RST pins are asserted whenever VCC falls
below the reset threshold voltage as determined by the TOL
pin. A 5% tolerance level (4.62V reset threshold voltage) can
be selected by connecting the TOL pin to ground and a 10%
tolerance can be selected by connecting the TOL pin to VCC.
The reset pins will remain asserted for a period of 250ms
after VCC has risen above the reset threshold voltage. The
reset function ensures the microprocessor is properly reset
and powers up into a known condition after a power failure.
/RST will remain valid with VCC as low as 1.4V.
Watchdog Timer
The microprocessor can be mounted by connecting the /ST
pin (watchdog input) to a bus line or I/O line. If a high-to-low
does not occur on the/ST pin within the watchdog timeout
Block Diagram
+
-
REF
WATCHDOG
TIMER
VCC (8)
GND (4)
RST (5)
TD (2)
RST (6)
RESET
GENERATOR
ST (7)
TIMEOUT
SELECT
PBRST (1)
MANUAL RESET
DEBOUNCE
TRIP POINT
SELECT
TOL (3)
period (determined by the TD pin, see Table 1.), the /RST and
the RST will remain asserted for 250ms when this occurs. A
minimum pulse of 75ns or any transition high-to-low on the
/ST pin will reset the watchdog timer. The watchdog timer
will be reset if /ST sees a valid transition within the watchdog
timeout period.
Pushbutton Reset Input
The /PBRST input can be driven with a manual pushbutton
switch or with external logic signals. the input is internally
debounced and requires an active low signal to force the
reset outputs into their active states. The /PBRST input will
recognize any pulse that is 20ms in duration or greater and
will ignore all pulses that are less than 1ms in duration.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com