Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2176-2YMM Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2176-2YMM
Description  Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2176-2YMM Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2176-2YMM Datasheet HTML 17Page - Micrel Semiconductor MIC2176-2YMM Datasheet HTML 18Page - Micrel Semiconductor MIC2176-2YMM Datasheet HTML 19Page - Micrel Semiconductor MIC2176-2YMM Datasheet HTML 20Page - Micrel Semiconductor MIC2176-2YMM Datasheet HTML 21Page - Micrel Semiconductor MIC2176-2YMM Datasheet HTML 22Page - Micrel Semiconductor MIC2176-2YMM Datasheet HTML 23Page - Micrel Semiconductor MIC2176-2YMM Datasheet HTML 24Page - Micrel Semiconductor MIC2176-2YMM Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Micrel, Inc.
MIC2176
November 2010
21
M9999-111710-A
If the voltage divider resistors R1 and R2 are in the kΩ
range, a Cff of 1nF to 100nF can easily satisfy the large
time constant requirements. Also, a 100nF injection
capacitor Cinj is used in order to be considered as short
for a wide range of the frequencies.
The process of sizing the ripple injection resistor and
capacitors is:
Step 1.
Select Cff to feed all output ripples into the
feedback pin and make sure the large time constant
assumption is satisfied. Typical choice of Cff is 1nF to
100nF if R1 and R2 are in kΩ range.
Figure 6b. Inadequate Ripple at FB
Step 2.
Select Rinj according to the expected feedback
voltage ripple using Equation 24:
Figure 6c. Invisible Ripple at FB
In this situation, the output voltage ripple is less than
20mV. Therefore, additional ripple is injected into the FB
pin from the switching node SW via a resistor Rinj and a
capacitor Cinj, as shown in Figure 6c. The injected ripple
is:
τ
×
×
×
×
×
=
SW
div
IN
FB(pp)
f
1
D)
-
(1
D
K
V
ΔV
(31)
R1//R2
R
R1//R2
K
inj
div
+
=
(32)
where:
VIN = Power stage input voltage
D = Duty cycle
fSW = Switching frequency
τ = (R1//R2//Rinj) × Cff
In Equations 21 and 22, it is assumed that the time
constant associated with Cff must be much greater than
the switching period:
1
T
f
1
SW
<<
=
×
τ
τ
(33)
D)
(1
D
f
V
ΔV
K
SW
IN
FB(pp)
div
−
×
×
×
=
τ
(34)
Then the value of Rinj is obtained as:
1)
K
1
(
(R1//R2)
R
div
inj
−
×
=
(35)
Step 3.
Select Cinj as 100nF, which could be considered
as short for a wide range of the frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com