Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2199BML Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC2199BML
Description  300kHz 4mm 횞 4mm Synchronous Buck Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2199BML Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC2199BML Datasheet HTML 6Page - Micrel Semiconductor MIC2199BML Datasheet HTML 7Page - Micrel Semiconductor MIC2199BML Datasheet HTML 8Page - Micrel Semiconductor MIC2199BML Datasheet HTML 9Page - Micrel Semiconductor MIC2199BML Datasheet HTML 10Page - Micrel Semiconductor MIC2199BML Datasheet HTML 11Page - Micrel Semiconductor MIC2199BML Datasheet HTML 12Page - Micrel Semiconductor MIC2199BML Datasheet HTML 13Page - Micrel Semiconductor MIC2199BML Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
January 2010
12
M9999-011310
Micrel, Inc.
MIC2199
Voltage Setting Components
The MIC2199 requires two resistors to set the output voltage
as shown in Figure 6.
Error
Amp
3
MIC2199
FB
VREF
0.8V
R2
R1
Figure 6. Voltage-Divider Configuration
The output voltage is determined by the equation:
VV
1 R1
R2
O
REF
=× +
Where: VREF for the MIC2199 is typically 0.8V.
A typical value of R1 can be between 3k and 10k. If R1 is
too large it may allow noise to be introduced into the volt-
age feedback loop. If R1 is too small in value it will decrease
theefficiencyofthepowersupply,especiallyatlowoutput
loads.
Once R1 is selected, R2 can be calculated using:
R2
VR1
VV
REF
O
REF
=
×
−
Voltage Divider Power Dissipation
The reference voltage and R2 set the current through the
voltage divider.
I
V
R2
DIVIDER
REF
=
The power dissipated by the divider resistors is:
P(R1 R2) I
DIVIDER
DIVIDER
2
=+
×
Efficiency Calculation and Considerations
Efficiencyistheratioofoutputpowertoinputpower.The
difference is dissipated as heat in the buck converter. Under
lightoutputload,thesignificantcontributorsare:
• SupplycurrenttotheMIC2199
• MOSFETgate-chargepower(includedintheIC
supply current)
• Corelossesintheoutputinductor
Tomaximizeefficiencyatlightloads:
• Usealowgate-chargeMOSFETorusethesmall-
estMOSFET,whichisstilladequateformaximum
output current.
• Useaferritematerialfortheinductorcore,which
has less core loss than an MPP or iron power
core.
Underheavyoutputloadsthesignificantcontributorstopower
loss are (in approximate order of magnitude):
• Resistiveon-timelossesintheMOSFETs
• SwitchingtransitionlossesintheMOSFETs
• Inductorresistivelosses
• Current-senseresistorlosses
• Inputcapacitorresistivelosses(duetothecapaci-
torsESR)
To minimize power loss under heavy loads:
• Use logic-level, low on-resistance MOSFETs.
Multiplying the gate charge by the on-resistance
givesafigureofmerit,providingagoodbalance
betweenlowandhighloadefficiency.
• Slowtransitiontimesandoscillationsonthevoltage
andcurrentwaveformsdissipatemorepowerduring
turn-onandturnoffoftheMOSFETs.Acleanlayout
will minimize parasitic inductance and capacitance
in the gate drive and high current paths. This will
allow the fastest transition times and waveforms
withoutoscillations.Lowgate-chargeMOSFETs
will transition faster than those with higher gate-
charge requirements.
• For the same size inductor, a lower value will
have fewer turns and therefore, lower winding re-
sistance. However, using too small of a value will
requiremoreoutputcapacitorstofiltertheoutput
ripple, which will force a smaller bandwidth, slower
transient response and possible instability under
certain conditions.
• Lowering the current-sense resistor value will
decrease the power dissipated in the resistor.
However, it will also increase the overcurrent
limitandwillrequirelargerMOSFETsandinductor
components.
• Use low-ESR input capacitors to minimize the
powerdissipatedinthecapacitorsESR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com