Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2602YML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2602YML
Description  1.2A, 1.2MHz/2MHz Wide Input Range Integrated Switch Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2602YML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2602YML Datasheet HTML 1Page - Micrel Semiconductor MIC2602YML Datasheet HTML 2Page - Micrel Semiconductor MIC2602YML Datasheet HTML 3Page - Micrel Semiconductor MIC2602YML Datasheet HTML 4Page - Micrel Semiconductor MIC2602YML Datasheet HTML 5Page - Micrel Semiconductor MIC2602YML Datasheet HTML 6Page - Micrel Semiconductor MIC2602YML Datasheet HTML 7Page - Micrel Semiconductor MIC2602YML Datasheet HTML 8Page - Micrel Semiconductor MIC2602YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC2601/2
1.2A, 1.2MHz/2MHz Wide Input Range
Integrated Switch Boost Regulator
General Description
The MIC2601/2 is a 1.2MHz/2MHz, PWM DC/DC boost
switching regulator available in a 2mm x 2mm MLF
®
package. High power density is achieved with the
MIC2601/2’s internal 40V/1.2A switch, allowing it to power
large loads in a tiny footprint.
The
MIC2601/2
implements
constant
frequency
1.2MHz/2MHz PWM current mode control. The MIC2601/2
offers internal compensation that provides excellent
transient response and output regulation performance. The
high frequency operation saves board space by allowing
small,
low-profile
external
components.
The
fixed
frequency PWM scheme also reduces spurious switching
noise and ripple to the input power source.
Soft start reduces in rush current and is programmable via
external capacitor.
The MIC2601/2 is available in a 2mm x 2mm 8-pin MLF
®
leadless package. Both devices have an output over-
voltage protection feature.
The MIC2601/2 has an operating junction temperature
range of –40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Wide input voltage range: 4.5V to 20V
• Output voltage adjustable to 40V
• 1.2A switch current
• MIC2601 operates at 1.2MHz
• MIC2602 operates at 2MHz
• Stable with small size ceramic capacitors
• High efficiency
• Programmable soft start
• <10µA shutdown current
• UVLO
• Output over-voltage protection
• Over temperature shutdown
• 8-pin 2mm x 2mm MLF® package
• –40°C to +125°C junction temperature range
Applications
• Multimedia STB/Antenna
• Broadband communications
• TFT-LCD bias supplies
• Bias supply
• Positive output regulators
• SEPIC converters
• DSL applications
• Local boost regulators
___________________________________________________________________________________________________________
Typical Application
10µH
6.65K
MIC2601/2
VIN
VIN = 12V
VOUT
18V, 500mA
EN
SW
FB
PGND
2.2µF
10µF
SS
0.1µF
VDD
AGND
0.1µF
0
10
20
30
40
50
60
70
80
90
100
0
LOAD CURRENT (mA)
18VOUT Efficiency
0 100 200 300 400 500 600 700 800
12VIN
8VIN
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 2009
M9999-090909-A


Similar Part No. - MIC2602YML

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
MIC26023-5134W-LF3 WURTH-MIC26023-5134W-LF3 Datasheet
158Kb / 1P
TRANSFORMER
More results

Similar Description - MIC2602YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
3A 2MHz Integrated Switch Buck Regulator
MIC4721 MICREL-MIC4721 Datasheet
821Kb / 19P
1.5A 2MHz Integrated Switch Buck Regulator
MIC2605 MICREL-MIC2605 Datasheet
308Kb / 13P
0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
MIC2605 MICREL-MIC2605_09 Datasheet
380Kb / 14P
0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
MIC4723 MICREL-MIC4723_08 Datasheet
536Kb / 20P
3A 2MHz Integrated Switch Buck Regulator
MIC4724 MICREL-MIC4724 Datasheet
610Kb / 19P
3A 2MHz Integrated Switch Buck Regulator with 6Vmax Input
logo
Texas Instruments
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340PWPR TI-TPS55340PWPR Datasheet
1Mb / 38P
Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
logo
Global Mixed-mode Techn...
G5698 GMT-G5698 Datasheet
71Kb / 1P
1.2MHz, 1.2A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com