Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCR16CS-16LB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # BCR16CS-16LB
Description  Triac Medium Power Use
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR16CS-16LB Datasheet(HTML) 5 Page - Renesas Technology Corp

  BCR16CS-16LB Datasheet HTML 1Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 2Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 3Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 4Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 5Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 6Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 7Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BCR16CS-16LB
Preliminary
R07DS0226EJ0100 Rev.1.00
Page 5 of 7
Dec 14, 2010
Rate of Rise of Off-State Voltage (V/
μs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage (Tj=125°C)
Rate of Rise of Off-State Voltage (V/
μs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage (Tj=150°C)
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
Commutation Characteristics (Tj=125°C)
Rate of Decay of On-State
Commutating Current (A/ms)
Commutation Characteristics (Tj=150°C)
Rate of Decay of On-State
Commutating Current (A/ms)
Latching Current vs.
Junction Temperature
Junction Temperature (°C)
160
100
80
40
20
0
140
40
–40
–60
160
–20 0 20
60 80
140
100 120
60
120
160
–400
4080
120
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
23
101
57 102 23 5 7 103 23 5 7 104
120
0
20
40
60
80
100
140
160
23
101
57 102 23 5 7 103 23 5 7 104
120
0
20
40
60
80
100
140
160
102
35 7 101
2 3
23
57 102
7
5
101
7
3
2
7
5
100
3
2
35 7 101
2 3
23
57 102
7
5
101
7
3
2
7
5
100
3
2
Distribution
T2+, G–
Typical Example
T2+, G+
T2–, G–
Typical Example
Typical Example
Typical Example
Tj = 150°C
III Quadrant
I Quadrant
Typical Example
Tj = 125°C
III Quadrant
I Quadrant
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
Typical Example
Tj = 125°C
IT = 4A
τ = 500μs
VD = 200V
f = 3Hz
Minimum
Characteristics
Value
III Quadrant
I Quadrant
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
Typical Example
Tj = 150°C
IT = 4A
τ = 500μs
VD = 200V
f = 3Hz
Minimum
Characteristics
Value
I Quadrant
III Quadrant



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com