Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC22600 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC22600
Description  1MHz, 6A Integrated Switch Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22600 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC22600_09 Datasheet HTML 11Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 12Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 13Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 14Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 15Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 16Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 17Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 18Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Micrel, Inc.
MIC22600
October 2009
15
M9999-102809-C
Sequencing & Tracking examples
There are four distinct variations which are easily
implemented using the MIC22600. The two sequencing
variations are Delayed and Windowed. The two tracking
variants are Normal and Ratio Metric. The following
diagrams
illustrate
methods
for
connecting
two
MIC22600’s to achieve these requirements.
Sequencing:
Figure 4. Sequencing MIC22600 Circuit
Figure 5. Window Sequencing Example
Figure 6. Delayed Sequencing Example
Normal Tracking:
Figure 7. Normal Tracking Circuit
Figure 8. Normal Tracking Example
Ratio Metric Tracking:
Figure 9. Ratio Metric Tracking Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com