Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC29152WD Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC29152WD
Description  High-Current Low-Dropout Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29152WD Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC29152WD Datasheet HTML 2Page - Micrel Semiconductor MIC29152WD Datasheet HTML 3Page - Micrel Semiconductor MIC29152WD Datasheet HTML 4Page - Micrel Semiconductor MIC29152WD Datasheet HTML 5Page - Micrel Semiconductor MIC29152WD Datasheet HTML 6Page - Micrel Semiconductor MIC29152WD Datasheet HTML 7Page - Micrel Semiconductor MIC29152WD Datasheet HTML 8Page - Micrel Semiconductor MIC29152WD Datasheet HTML 9Page - Micrel Semiconductor MIC29152WD Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Micrel, Inc.
MIC29150/29300/29500/29750
May 2010
6
M9999-050510-B
Parameter
Condition
Min
Typ
Max
Units
en, Output Noise
Voltage
(10Hz to 100kHz)
IL = 100mA
CL = 10µF
CL = 33µF
400
260
µV
(rms)
Ground Current in
Shutdown
MIC29150/1/2/3 only VEN = 0.4V
2
10
30
µA
µA
Reference
MIC29xx2/MIC29xx3
Reference Voltage
1.228
1.215
1.240
1.252
1.265
V
V
Reference Voltage
1.203
1.277
V
Adjust Pin
Bias Current
40
80
120
nA
Reference Voltage
Temperature
Coefficient
(10)
20
ppm/°C
Adjust Pin Bias
Current
Temperature
Coefficient
0.1
nA/°C
Flag Output (Error Comparator) MIC29xx1/29xx3
Output Leakage
Current
VOH = 26V
0.01
1.00
2.00
µA
Output Low Voltage
Device set for 5V, VIN = 4.5V
IOL = 250µA
220
300
400
mV
Upper Threshold
Voltage
Device set for 5V
(11)
40
25
60
mV
Lower Threshold
Voltage
Device set for 5V
(11)
75
95
140
mV
Hysteresis
Device set for 5V
(11)
15
mV
ENABLE Input
MIC29xx1/MIC29xx2
Input Logic Voltage
Low (OFF)
High (ON)
2.4
0.8
V
VEN = 26V
100
600
750
µA
Enable Pin
Input Current
VEN = 0.8V
0.7
2
4
µA
Regulator Output
Current in Shutdown
(12)
10
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com