Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SY87701ALHG Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY87701ALHG
Description  3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87701ALHG Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY87701ALHG Datasheet HTML 1Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 2Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 3Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 4Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 5Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 6Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 7Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 8Page - Micrel Semiconductor SY87701ALHG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SY87701AL
3
Micrel, Inc.
M9999-082107
hbwhelp@micrel.com or (408) 955-1690
Pin Number
Pin Number
SOIC
TQFP
Pin Name
Pin Function
4
2
RDINP
Serial Data Input (Differential PECL): These built-in line receiver inputs are
5
3
RDINN
connected to the differential receive serial data stream. An internal receive PLL
recovers the embedded clock (RCLK) and data (RDOUT) information. The
incoming data rate can be within one of eight frequency ranges depending on the
state of the FREQSEL pins. See “Frequency Selection” table.
7
5
REFCLK
Reference Clock (TTL Inputs): This input is used as the reference for the internal
frequency synthesizer and the “training” frequency for the receiver PLL to keep it
centered in the absence of data coming in on the RDIN inputs.
27
26
CD
Carrier Detect (PECL Input): This input controls the recovery function of the
Receive PLL and can be driven by the carrier detect output of optical modules or
from external transition detection circuitry. When this input is HIGH the input data
stream (RDIN) is recovered normally by the Receive PLL. When this input is LOW
the data on the inputs RDIN will be internally forced to a constant LOW, the data
outputs RDOUT will remain LOW, the Link Fault Indicator output LFIN forced LOW
and the clock recovery PLL forced to look onto the clock frequency generated from
REFCLK.
6
4
FREQSEL1
Frequency Select (TTL Inputs): These inputs select the output clock frequency
8
6
FREQSEL2
range as shown in the “Frequency Selection” table.
9
7
FREQSEL3
3
32
DIVSEL1
Divider Select (TTL Inputs): These inputs select the ratio between the output clock
26
25
DIVSEL2
frequency (RCLK/TCLK) and the REFCLK input frequency as shown in the
“Reference Frequency Selection” table.
17
16
CLKSEL
Clock Select (TTL Inputs): This input is used to select either the recovered clock
of the receiver PLL (CLKSEL = HIGH) or the clock of the frequency synthesizer
(CLKSEL = LOW) to the TCLK outputs.
2
31
LFIN
Link Fault Indicator (TTL Output): This output indicates the status of the input data
stream RDIN. Active HIGH signal is indicating when the internal clock recovery
PLL has locked onto the incoming data stream. LFIN will go HIGH if CD is HIGH
and RDIN is within the frequency range of the Receive PLL (1000ppm).
25
24
RDOUTP
Receive Data Output (Differential PECL): These ECL 100k outputs represent the
24
23
RDOUTN
recovered data from the input data stream (RDIN). This recovered data is specified
against the rising edge of RCLK. These outputs must be terminated with 50
Ω to
VCC–2 or equivalent. Thhis applies even if these outputs are not used.
22
21
RCLKP
Clock Output (Differential PECL): These ECL 100k outputs represent the
21
20
RCLKN
recovered clock used to sample the recovered data (RDOUT).
19
18
TCLKP
Clock Output (Differential PECL): These ECL 100k outputs represent either the
18
17
TCLKN
recovered clock (CLKSEL = HIGH) used to sample the recovered data (RDOUT) or
the transmit clock of the frequency synthesizer (CLKSEL = LOW). These outputs
must be terminated with 50
Ω toV
CC–2 or equivalent. This applies even if these
outputs are not used.
11
9
PLLSP
Clock Synthesis PLL Loop Filter. External loop filter pins for the clock synthesis
12
10
PLLSN
PLL.
16
15
PLLRP
Clock Recovery PLL Loop Filter. External loop filter pins for the receiver PLL.
15
14
PLLRN
28
27, 28,
VCC
Supply Voltage(1)
1
29, 30
VCCA
Analog Supply Voltage(1)
20, 23
19, 22
VCCO
Output Supply Voltage(1)
13, 14
12, 13
GND
Ground
10
1, 8
NC
No Connect
13
11
GNDA
Analog Ground
Note:
1. VCC, VCCA, VCCO must be the same value.
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com