Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXMD63P03XTC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMD63P03XTC
Description  DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMD63P03XTC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMD63P03XTC Datasheet HTML 1Page - Diodes Incorporated ZXMD63P03XTC Datasheet HTML 2Page - Diodes Incorporated ZXMD63P03XTC Datasheet HTML 3Page - Diodes Incorporated ZXMD63P03XTC Datasheet HTML 4Page - Diodes Incorporated ZXMD63P03XTC Datasheet HTML 5Page - Diodes Incorporated ZXMD63P03XTC Datasheet HTML 6Page - Diodes Incorporated ZXMD63P03XTC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXMD63P03X
SEMICO NDUC TORS
ISSUE 1 - OCTOBER 2005
4
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
-30
V
ID=-250µA, VGS=0V
Zero Gate Voltage Drain Current
IDSS
-1
µA
VDS=-30V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS= 20V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
-1.0
V
I
D
=-250
µA, VDS=VGS
Static Drain-Source On-State Resistance (1)
RDS(on)
0.185
0.27
Ω
Ω
VGS=-10V, ID=-1.2A
VGS=-4.5V, ID=-0.6A
Forward Transconductance (3)
gfs
0.92
S
VDS=-10V,ID=-0.6A
DYNAMIC (3)
Input Capacitance
Ciss
270
pF
VDS=-25 V, VGS=0V,
f=1MHz
Output Capacitance
Coss
80
pF
Reverse Transfer Capacitance
Crss
30
pF
SWITCHING (2) (3)
Turn-On Delay Time
td(on)
2.6
ns
VDD =-15V, ID=-1.2A
RG=6.2Ω,RD=6.2Ω
(Refer to test
circuit)
Rise Time
tr
4.8
ns
Turn-Off Delay Time
td(off)
13.1
ns
Fall Time
tf
9.3
ns
Total Gate Charge
Qg
7nC
VDS=-24V,VGS=-10V,
ID=-1.2A
(Refer to test
circuit)
Gate-Source Charge
Qgs
1.2
nC
Gate Drain Charge
Qgd
2nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
VSD
-0.95
V
Tj=25°C, IS=-1.2A,
VGS=0V
Reverse Recovery Time (3)
trr
21.4
ns
Tj=25°C, IF=-1.2A,
di/dt= 100A/
µs
Reverse Recovery Charge(3)
Qrr
15.7
nC
NOTES:
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ®2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com